Electronic Components Datasheet Search
  English  ▼

X  

MSM63238 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM63238
Description  4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63238 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM63238 Datasheet HTML 17Page - OKI electronic componets MSM63238 Datasheet HTML 18Page - OKI electronic componets MSM63238 Datasheet HTML 19Page - OKI electronic componets MSM63238 Datasheet HTML 20Page - OKI electronic componets MSM63238 Datasheet HTML 21Page - OKI electronic componets MSM63238 Datasheet HTML 22Page - OKI electronic componets MSM63238 Datasheet HTML 23Page - OKI electronic componets MSM63238 Datasheet HTML 24Page - OKI electronic componets MSM63238 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
¡ Semiconductor
MSM63238
21/32
DC Characteristics (continued)
Parameter
Symbol
Condition
Mea-
suring
Circuit
(VDD = VDDI = VDDH = VDDR = 3.0 V, VSS = 0 V, Ta = –20 to +70°C unless otherwise specified)
Unit
Max.
Input Current 1
(P1.0 to P1.3)
(P8.0, P8.1)
(P9.0 to P9.3)
(PD.0 to PD.3)
45
mA
3
IIH1
VIH1 = VDDI
(when pulled down)
260
mA
650
mA
Input Current 2
(SIGIN)
Input Current 4
(RESET)
IIH4
VIH4 = VDD
350
mA
...
Typ.
20
120
350
180
Min.
2
30
70
10
VDDI = 1.5 V
VDDI = 3.0 V
VDDI = 5.0 V
–2
mA
IIL1
VIL1 = VSS
(when pulled up)
–30
mA
–70
mA
–20
–120
–350
–45
–260
–650
VDDI = 1.5 V
VDDI = 3.0 V
VDDI = 5.0 V
Input Current 3
(OSC0)
–30
mA
IIL3
VIL3 = VSS
(when pulled up)
–200
mA
–170
–450
–350
–750
VDD = VDDH = 3.0 V
VDD = VDDH = 5.0 V
VDD = 1.5 V
VDD = 3.0 V
2400
mA
1100
150
IIH1Z
VIH1 = VDDI (in a high impedance state)
1.0
mA
—
0.0
IIL1Z
VIL1 = VSS (in a high impedance state)
0.0
mA
—
–1.0
IIH2Z
VIH2 = VDDR
1.0
mA
—
0.0
IIL2Z
VIL2 = VSS
0.0
mA
—
–1.0
IIH3R
VIH3 = VDDH (RC oscillation)
1.0
mA
—
0.0
IIL3R
VIL3 = VSS (RC oscillation)
0.0
mA
—
–1.0
1.0
mA
IIH3C
VIH3 = VDDH
(ceramic oscillation)
3.0
mA
0.5
1.5
0.1
0.75
VDD = VDDH = 3.0 V
VDD = VDDH = 5.0 V
–0.1
mA
IIL3C
VIL3 = VSS
(ceramic oscillation)
–0.75
mA
–0.5
–1.5
–1.0
–3.0
VDD = VDDH = 3.0 V
VDD = VDDH = 5.0 V
VDD = VDDH = 5.0 V
5.0
mA
2.7
0.5
IIL4
VIL4 = VSS
0.0
mA
—
–1.0
Input Current 5
(TST1, TST2, TST3)
IIH5
VIH5 = VDD
1500
mA
750
50
VDD = 1.5 V
VDD = 3.0 V
5.5
mA
3.0
0.5
VDD = VDDH = 5.0 V
11.0
mA
6.5
0.25
IIL5
VIL5 = VSS
0.0
mA
—
–1.0
IIH6Z
VIH6 = VDD
1.0
mA
—
0.0
Input Current 6
(XTSEL0, XTSEL1)
IIL6Z
VIL6 = VSS
0.0
mA
—
–1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com