Electronic Components Datasheet Search
  English  ▼

X  

MSM63238 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM63238
Description  4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63238 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM63238 Datasheet HTML 1Page - OKI electronic componets MSM63238 Datasheet HTML 2Page - OKI electronic componets MSM63238 Datasheet HTML 3Page - OKI electronic componets MSM63238 Datasheet HTML 4Page - OKI electronic componets MSM63238 Datasheet HTML 5Page - OKI electronic componets MSM63238 Datasheet HTML 6Page - OKI electronic componets MSM63238 Datasheet HTML 7Page - OKI electronic componets MSM63238 Datasheet HTML 8Page - OKI electronic componets MSM63238 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
¡ Semiconductor
MSM63238
3/32
• Timers and counter
8-bit timer ¥ 4
Selectable as auto-reload mode/capture mode/clock frequency measurement mode
Watchdog timer ¥ 1
15-bit time base counter ¥ 1
1, 2, 4, 8, 16, 32, 64, and 128 Hz signals can be read
• Serial port
Mode
: UART mode, synchronous mode
UART communication speed
: 1200 bps, 2400 bps, 4800 bps, 9600 bps
Clock frequency in synchronous mode
: 32.768 kHz (internal clock mode), external
clock frequency
Data length
: 5 to 8 bits
• Interrupt sources
External interrupt
: 3
Internal interrupt
: 15 (watchdog timer interrupt is a nonmask-
able interrupt)
• Operating voltage
When backup used
: 0.9 to 2.7 V
(Low-speed clock operating)
1.2 to 2.7 V
(Operating frequency: 300 to 500 kHz)
1.5 to 2.7 V
(Operating frequency: 200 kHz to 1 MHz)
When backup not used
: 1.8 to 5.5 V
(Operating frequency: 300 to 500 kHz)
2.2 to 5.5 V
(Operating frequency: 300 kHz to 1 MHz)
2.7 to 5.5 V
(Operating frequency: 200 kHz to 2 MHz)
• Package options:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
: (Product name: MSM63238-xxxGS-BK)
100-pin plastic TQFP (TQFP100-P-1414-0.50-K) : (Product name: MSM63238-xxxTS-K)
Chip
: MSM63238-xxx
xxx indicates a code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com