Electronic Components Datasheet Search
  English  ▼

X  

MSM63238 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM63238
Description  4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63238 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM63238 Datasheet HTML 18Page - OKI electronic componets MSM63238 Datasheet HTML 19Page - OKI electronic componets MSM63238 Datasheet HTML 20Page - OKI electronic componets MSM63238 Datasheet HTML 21Page - OKI electronic componets MSM63238 Datasheet HTML 22Page - OKI electronic componets MSM63238 Datasheet HTML 23Page - OKI electronic componets MSM63238 Datasheet HTML 24Page - OKI electronic componets MSM63238 Datasheet HTML 25Page - OKI electronic componets MSM63238 Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
¡ Semiconductor
MSM63238
22/32
DC Characteristics (continued)
Parameter
Symbol
Condition
Mea-
suring
Circuit
(VDD = VDDI = VDDH = VDDR = 3.0 V, VSS = 0 V, Ta = –20 to +70°C unless otherwise specified)
Unit
Max.
Typ.
Min.
Input Voltage 1
(P1.0 to P1.3)
(P8.0, P8.1)
(P9.0 to P9.3)
(PD.0 to PD.3)
VDDI = 1.5 V
1.2
—
1.5
V
4
VIH1
VDDI = 3.0 V
2.4
—
3.0
V
VDDI = 5.0 V
4.0
—
5.0
V
Input Voltage 3
(OSC0)
...
DVT2
Input Pin Capacitance
(P1.0 to P1.3)
(P8.0, P8.1)
(P9.0 to P9.3)
(PD.0 to PD.3)
CIN
——
—
5
pF
Hysteresis Width 2
(RESET, TST1, TST2, TST3,
XTSEL0, XTSEL1)
...
1
VDDI = 1.5 V
0.0
—
0.3
V
VIL1
VDDI = 3.0 V
0.0
—
0.6
V
VDDI = 5.0 V
0.0
—
1.0
V
Input Voltage 2
(SIGIN)
VDDR = 1.5 V
1.2
—
1.5
V
VIH2
VDDR = 3.0 V
2.4
—
3.0
V
VDDR = 5.0 V
4.0
—
5.0
V
VDDR = 1.5 V
0.0
—
0.3
V
VIL2
VDDR = 3.0 V
0.0
—
0.6
V
VDDR = 5.0 V
0.0
—
1.0
V
VDD = VDDH = 3.0 V
2.4
—
3.0
V
VIH3
VDD = VDDH = 5.0 V
4.0
—
5.0
V
VDD = VDDH = 3.0 V
0.0
—
0.6
V
VIL3
VDD = VDDH = 5.0 V
0.0
—
1.0
V
Input Voltage 4
(RESET, TST1, TST2, TST3,
XTSEL0, XTSEL1)
VDD = 1.5 V
1.35
—
1.5
V
VIH4
VDD = 3.0 V
2.4
—
3.0
V
VDD = VDDH = 5.0 V
4.0
—
5.0
V
VDD = 1.5 V
0.0
—
0.15
V
VIL4
VDD = 3.0 V
0.0
—
0.6
V
VDD = VDDH = 5.0 V
0.0
—
1.0
V
VDDI = 1.5 V
0.05
0.1
0.3
V
DVT1
VDDI = 3.0 V
0.2
0.5
1.0
V
VDDI = 5.0 V
0.25
1.0
1.5
V
Hysteresis Width 1
(P1.0 to P1.3)
(P8.0, P8.1)
(PD.0 to PD.3)
...
VDD = 1.5 V
0.05
0.1
0.3
V
VDD = 3.0 V
0.2
0.5
1.0
V
VDD = VDDH = 5.0 V
0.25
1.0
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com