Electronic Components Datasheet Search
  English  ▼

X  

MSM63238 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM63238
Description  4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63238 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM63238 Datasheet HTML 1Page - OKI electronic componets MSM63238 Datasheet HTML 2Page - OKI electronic componets MSM63238 Datasheet HTML 3Page - OKI electronic componets MSM63238 Datasheet HTML 4Page - OKI electronic componets MSM63238 Datasheet HTML 5Page - OKI electronic componets MSM63238 Datasheet HTML 6Page - OKI electronic componets MSM63238 Datasheet HTML 7Page - OKI electronic componets MSM63238 Datasheet HTML 8Page - OKI electronic componets MSM63238 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
¡ Semiconductor
MSM63238
2/32
• Stack level
Call stack level
: 16 levels
Register stack level
: 16 levels
• POCSAG decoder
Data rate
: 512 bps/1200 bps/2400 bps
User frame
: 3 types
User address
: 6 types
Battery saving mode (for controlling intermittent operations of RF receiver)
• I/O ports
Input ports: Selectable as input with pull-up resistance/input with pull-down resistance/
high-impedance input
Output ports: Selectable as P-channel open drain output/N-channel open drain output/
CMOS output/high-impedance output
Input-output ports: Selectable as input with pull-up resistance/input with pull-down
resistance/high-impedance input
Selectable as P-channel open drain output/N-channel open drain
output/CMOS output/high-impedance output
Can be interfaced with external peripherals that use a different power supply than this device
uses.
Number of ports:
Input port
: 1 port ¥ 4 bits
Output port
: 6 ports ¥ 4 bits
Input-output port
: 5 ports ¥ 4 bits
1 port ¥ 2 bits
• Melody output function
Melody sound frequency
: 529 to 2979 Hz
Tone length
: 63 types
Tempo
: 15 types
Note data
: Resides in the program memory
Buzzer drive signal output
: 4 kHz
• Reset function
Reset through RESET pin
Power-on reset
Reset by low-speed oscillation halt
• Battery check
Low-voltage supply check
Criterion voltage
: Can be selected as 1.05
±0.10 V, 1.30 ±0.15 V,
2.20
±0.20 V or 2.80 ±0.30 V
• Power supply backup
Backup circuit (voltage multiplier) enables operation at 0.9 V minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com