Electronic Components Datasheet Search
  English  ▼

X  

MSM63238 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM63238
Description  4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63238 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM63238 Datasheet HTML 9Page - OKI electronic componets MSM63238 Datasheet HTML 10Page - OKI electronic componets MSM63238 Datasheet HTML 11Page - OKI electronic componets MSM63238 Datasheet HTML 12Page - OKI electronic componets MSM63238 Datasheet HTML 13Page - OKI electronic componets MSM63238 Datasheet HTML 14Page - OKI electronic componets MSM63238 Datasheet HTML 15Page - OKI electronic componets MSM63238 Datasheet HTML 16Page - OKI electronic componets MSM63238 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
¡ Semiconductor
MSM63238
13/32
Table 2 Pin Descriptions (Secondary Functions) (continued)
Function
Symbol
Type
Description
Pin
PB.0/TM0OVF
46
O
Timer 0 overflow flag output pin.
PB.1/TM1OVF
47
O
Timer 1 overflow flag output pin.
PB.2/T02CK
48
I
External clock input pin for timer 0 and timer 2.
PB.3/T13CK
49
I
External clock input pin for timer 1 and timer 3.
Timer
PD.2/TBCCLK
39
O
Low-speed oscillation clock output pin
PD.3/HSCLK
40
O
High-speed oscillation clock output pin
Oscillation
Output
PC.0/RXD
42
I
Serial port receive data input pin
Sync serial port clock input-output pin.
Transmit clock output when this device is used as a master
processor.
Transmit clock input when this device is used as a slave
processor.
PC.1/TXC
43
I/O
Sync serial port clock input-output pin.
Receive clock output when this device is used as a master
processor.
Receive clock input when this device is used as a slave
processor.
PC.2/RXC
44
I/O
PC.3/TXD
45
O
Serial port transmit data output pin.
Serial
Port
54
56
57
58
45
46
48
51
52
53
GS-BK TS-K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com