Electronic Components Datasheet Search
  English  ▼

X  

2SJ621 Datasheet(PDF) 2 Page - NEC

Part # 2SJ621
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ621 Datasheet(HTML) 2 Page - NEC

  2SJ621 Datasheet HTML 1Page - NEC 2SJ621 Datasheet HTML 2Page - NEC 2SJ621 Datasheet HTML 3Page - NEC 2SJ621 Datasheet HTML 4Page - NEC 2SJ621 Datasheet HTML 5Page - NEC 2SJ621 Datasheet HTML 6Page - NEC 2SJ621 Datasheet HTML 7Page - NEC 2SJ621 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D15634EJ1V0DS
2
2SJ621
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = –12 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS =
m8.0 V, VDS = 0 V
m10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1.0 mA
0.45
1.5
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –3.5 A
4.0
S
Drain to Source On-state Resistance
RDS(on)1
VGS = –4.5 V, ID = –2.0 A
35
44
m
Ω
RDS(on)2
VGS = –3.0 V, ID = –2.0 A
42
56
m
Ω
RDS(on)3
VGS = –2.5 V, ID = –2.0 A
46
62
m
Ω
RDS(on)4
VGS = –1.8 V, ID = –1.5 A
63
105
m
Ω
Input Capacitance
Ciss
VDS = –10 V
630
pF
Output Capacitance
Coss
VGS = 0 V
170
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
100
pF
Turn-on Delay Time
td(on)
VDD = –6.0 V, ID = –2.0 A
20
ns
Rise Time
tr
VGS = –4.0 V
70
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
320
ns
Fall Time
tf
200
ns
Total Gate Charge
QG
VDD = –10 V
6.2
nC
Gate to Source Charge
QGS
VGS = –4.0 V
1.0
nC
Gate to Drain Charge
QGD
ID = –3.5 A
2.0
nC
Body Diode Forward Voltage
VF(S-D)
IF = 3.5 A, VGS = 0 V
0.84
V
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS(−)
VDS(−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com