Electronic Components Datasheet Search
  English  ▼

X  

2SJ621 Datasheet(PDF) 4 Page - NEC

Part # 2SJ621
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ621 Datasheet(HTML) 4 Page - NEC

  2SJ621 Datasheet HTML 1Page - NEC 2SJ621 Datasheet HTML 2Page - NEC 2SJ621 Datasheet HTML 3Page - NEC 2SJ621 Datasheet HTML 4Page - NEC 2SJ621 Datasheet HTML 5Page - NEC 2SJ621 Datasheet HTML 6Page - NEC 2SJ621 Datasheet HTML 7Page - NEC 2SJ621 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D15634EJ1V0DS
4
2SJ621
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
Pu ls e d
−4.5 V
−1.8 V
−2.5 V
−3.0 V
V DS =
−10 V
Pu ls e d
T A =
−25°C
25 °C
75 °C
12 5°C
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
-5 0
0
50
10 0
15 0
V SD =
−10 V
ID =
−1 m A
0.1
1
10
10 0
T A =
−25 °C
25
°C
75
°C
12 5
°C
V DS =
−10 V
Puls e d
Tch - Channel Temperature -
°CID - Drain Current - A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
20
40
60
80
100
-5 0
0
50
100
1 50
Pu ls ed
V GS =
−1.8 V
−2.5 V
−4.5 V
−3.0 V
0
20
40
60
80
10 0
Puls ed
ID =
−2.0 A
Tch - Channel Temperature -
°C
VGS - Gate to Source Voltage - V
0
−0.2
−0.4
−0.6
−0.8
0
−0.4
−0.8
−1.2
−1.6
−2
−0.01
−0.1
−1
−10
0
−2
−4
−6
−8
−12
−10
−8
−6
−4
−2
0
−100
−10
−1
−0.1
−0.01
−0.001
−0.0001
−1.2
−0.7
−0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com