Electronic Components Datasheet Search
  English  ▼

X  

2SJ621 Datasheet(PDF) 5 Page - NEC

Part # 2SJ621
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ621 Datasheet(HTML) 5 Page - NEC

  2SJ621 Datasheet HTML 1Page - NEC 2SJ621 Datasheet HTML 2Page - NEC 2SJ621 Datasheet HTML 3Page - NEC 2SJ621 Datasheet HTML 4Page - NEC 2SJ621 Datasheet HTML 5Page - NEC 2SJ621 Datasheet HTML 6Page - NEC 2SJ621 Datasheet HTML 7Page - NEC 2SJ621 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D15634EJ1V0DS
5
2SJ621
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
40
60
80
10 0
12 0
V GS =
− 1.8 V
Pu ls e d
T A = 1 2 5
°C
75
°C
25
°C
− 25°C
20
30
40
50
60
70
80
V GS =
−2.5 V
Puls e d
T A = 1 2 5
°C
75
°C
25
°C
−25°C
ID - Drain Current - A
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
20
30
40
50
60
70
80
V GS =
−3.0 V
Puls ed
T A = 1 2 5
°C
75
°C
25
°C
−25°C
20
30
40
50
60
V GS =
−4.5 V
Pu ls e d
T A = 1 2 5
°C
75
°C
25
°C
−25°C
ID - Drain Current - A
ID - Drain Current - A
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
SWITCHING CHARACTERISTICS
10
10 0
10 00
10 000
V GS = 0 V
f = 1 M H z
C is s
C os s
C rs s
10
10 0
10 00
V DD =
− 6.0 V
V GS =
− 4.0 V
R G = 10
Ω
td(off)
td(on)
tr
tf
VDS - Drain to Source Voltage - V
ID - Drain Current - A
−0.01
−0.1
−1
−10
−100
−0.01
−0.1
−1
−10
−100
−0.01
−0.1
−1
−10
−100
−0.01
−0.1
−1
−10
−100
−0.1
−1
−10
−100
−0.1
−1
−10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com