Electronic Components Datasheet Search
  English  ▼

X  

2SJ621 Datasheet(PDF) 3 Page - NEC

Part # 2SJ621
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ621 Datasheet(HTML) 3 Page - NEC

  2SJ621 Datasheet HTML 1Page - NEC 2SJ621 Datasheet HTML 2Page - NEC 2SJ621 Datasheet HTML 3Page - NEC 2SJ621 Datasheet HTML 4Page - NEC 2SJ621 Datasheet HTML 5Page - NEC 2SJ621 Datasheet HTML 6Page - NEC 2SJ621 Datasheet HTML 7Page - NEC 2SJ621 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D15634EJ1V0DS
3
2SJ621
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
0
0. 25
0. 5
0. 75
1
1. 25
1. 5
0
2 04 06 0
8 0
1 0 0
1 2 0
1 4 0
1 6 0
TA - Ambient Temperature -
°CTA - Ambient Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
5 s
10 0 m s
PW = 1 m s
10 m s
ID (pulse)
ID (DC )
R DS(on) L im ite d
(V GS =
−4.5 V)
Sin g le Pu ls e
M o u n ted on F R -4 boa rd of
5 0 x 50 x 1.6 m m
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Without board
Single Pulse
Mounted on FR-4 board of
50 × 50 × 1.6 mm
PW - Pulse Width - s
−0.1
−1
−10
−100
−100
−10
−1
−0.1
−0.01
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com