Electronic Components Datasheet Search
  English  ▼

X  

2SJ621 Datasheet(PDF) 6 Page - NEC

Part # 2SJ621
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ621 Datasheet(HTML) 6 Page - NEC

  2SJ621 Datasheet HTML 1Page - NEC 2SJ621 Datasheet HTML 2Page - NEC 2SJ621 Datasheet HTML 3Page - NEC 2SJ621 Datasheet HTML 4Page - NEC 2SJ621 Datasheet HTML 5Page - NEC 2SJ621 Datasheet HTML 6Page - NEC 2SJ621 Datasheet HTML 7Page - NEC 2SJ621 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D15634EJ1V0DS
6
2SJ621
SOURCE TO DRAIN DIODE FORWARD
VOLTAGE
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0.01
0.1
1
10
10 0
0.4
0 .6
0.8
1
1.2
Pu ls e d
V GS = 0 V
01
234
56
7
ID =
−3.5 A
VDD =
−10 V
−6.0 V
VSD - Source to Drain Voltage - V
QG - Gate Charge - nC
−5
−4
−3
−2
−1
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com