Electronic Components Datasheet Search
  English  ▼

X  

MSM63P180 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM63P180
Description  4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P180 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM63P180 Datasheet HTML 17Page - OKI electronic componets MSM63P180 Datasheet HTML 18Page - OKI electronic componets MSM63P180 Datasheet HTML 19Page - OKI electronic componets MSM63P180 Datasheet HTML 20Page - OKI electronic componets MSM63P180 Datasheet HTML 21Page - OKI electronic componets MSM63P180 Datasheet HTML 22Page - OKI electronic componets MSM63P180 Datasheet HTML 23Page - OKI electronic componets MSM63P180 Datasheet HTML 24Page - OKI electronic componets MSM63P180 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
¡ Semiconductor
MSM63P180
21/35
Measuring circuit 1
Measuring circuit 2
Ca, Cb, Cc, Cd, Ce, C12
CG
CL0
CL1
Ceramic Resonator
: 0.1
mF
: 15 pF
: 30 pF
: 30 pF
: CSA2.00MG (2 MHz)
CSB1000J (1 MHz)
(Murata MFG.-make)
CL0
CL1
q
w
q
w
*1 RC Oscillator
ROS
Ceramic Oscillator
Ceramic Resonator
V
Ce
V
Cd
V
Cc
V
Cb
V
Ca
A
VSS
VDD
VDD1
VDD2
VDD3
VDD4 VDD5
VDDI
CG
XT0
XT1
CB1
CB2
C1
C2
OSC0
OSC1
(Open)
C12
q
w
*1
(Open)
VDDH
32.768 kHz
Crystal
*2 Input logic circuit to determine the specified measuring conditions.
*3 Measured at the specified output pins.
A
*3
VSS
VDD
VDD1
VDD2
VDD3
VDD4
VDD5
VDDH
VDDI
*2
VIH
VIL
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com