Electronic Components Datasheet Search
  English  ▼

X  

MSM63P180 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM63P180
Description  4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P180 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM63P180 Datasheet HTML 1Page - OKI electronic componets MSM63P180 Datasheet HTML 2Page - OKI electronic componets MSM63P180 Datasheet HTML 3Page - OKI electronic componets MSM63P180 Datasheet HTML 4Page - OKI electronic componets MSM63P180 Datasheet HTML 5Page - OKI electronic componets MSM63P180 Datasheet HTML 6Page - OKI electronic componets MSM63P180 Datasheet HTML 7Page - OKI electronic componets MSM63P180 Datasheet HTML 8Page - OKI electronic componets MSM63P180 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
¡ Semiconductor
MSM63P180
4/35
BLOCK DIAGRAM
An asterisk (*) indicates the port secondary function.
indicates that the power is supplied
to the circuits corresponding to the signal names inside
from VDDI (power supply for
interface).
PROM
16KW
EXTMEM
BUS
CON-
TROL
MIE
XT0
XT1
OSC0
OSC1
TBCCLK*
HSCLK*
OSC
CBR
EBR
L
CG
Z
ALU
RA
A
IR
INSTRUCTION
DECODER
RAM
3584N
D0-7*
A0-15*
RD*
WR*
nX-4/250
RESET
RST
VDDI
PC
H
Y
X
TIMING
CON-
TROL
SP
RSP
STACK
CAL: 16-level
REG: 16-level
MULDIV
TIMER
8bit
¥ 4
RXC*
TXC*
RXD*
TXD*
4
INT
SIO
(sync/async)
TM0CAP/TM1CAP*
TM0OVF/TM1OVF*
T02CK*
T13CK*
2
INT
I/O
PORT
P8.0-P8.3
P9.0-P9.3
PA.0-PA.3
PB.0-PB.3
PC.0-PC.3
PD.0-PD.3
PE.0-PE.3
PF.0-PF.3
5
INT0-4
VDDH
VDD
CB1
CB2
P2.0-P2.3
P3.0-P3.3
P4.0-P4.3
P5.0-P5.3
P6.0-P6.3
P7.0-P7.3
OUTPUT
PORT
TBC
1
INT
BLD
INT
100HzTC
1
BACKUP
VSS
VPP
VDDH
SFT
1
INT
SIN*
SOUT*
SCLK*
MELODY
MD
1
INT
MDB
BUZZER
BD
BDB
1
INT5
INPUT
PORT
P0.0-P0.3
P1.0-P1.3
LCD
&
DSPR
COM1-16
SEG0-63
LCLK*
FRAME*
INT
TBCAPR
TBCAP0*
TBCAP1*
INT0*
INT1*
INT2*
INT3*
INT4*
TST1
TST
TST2
INT
WDT
1
VDD1
VDD2
VDD3
VDD4
VDD5
C1
C2
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com