Electronic Components Datasheet Search
  English  ▼

X  

MSM63P180 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM63P180
Description  4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P180 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM63P180 Datasheet HTML 9Page - OKI electronic componets MSM63P180 Datasheet HTML 10Page - OKI electronic componets MSM63P180 Datasheet HTML 11Page - OKI electronic componets MSM63P180 Datasheet HTML 12Page - OKI electronic componets MSM63P180 Datasheet HTML 13Page - OKI electronic componets MSM63P180 Datasheet HTML 14Page - OKI electronic componets MSM63P180 Datasheet HTML 15Page - OKI electronic componets MSM63P180 Datasheet HTML 16Page - OKI electronic componets MSM63P180 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
¡ Semiconductor
MSM63P180
13/35
Table 2 Pin Descriptions (Secondary Functions) (continued)
External
Memory
Function
Symbol
Pin
Type
Description
P4.0/A0
138
P4.1/A1
137
P4.2/A2
136
P4.3/A3
135
P5.0/A4
132
P5.1/A5
131
P5.2/A6
130
P5.3/A7
129
P6.0/A8
128
P6.1/A9
127
P6.2/A10
126
P6.3/A11
125
P7.0/A12
124
P7.1/A13
123
P7.2/A14
122
P7.3/A15
121
P9.0/D0
116
P9.1/D1
115
P9.2/D2
114
P9.3/D3
113
PA.0/D4
112
PA.1/D5
111
PA.2/D6
110
PA.3/D7
109
P8.0/RD
120
P8.1/WR
119
O
Address output bus for external memory
I/O
Data bus for external memory
O
Read signal output pin for external memory (negative logic)
O
Write signal output pin for external memory (negative logic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com