Electronic Components Datasheet Search
  English  ▼

X  

MSM63P180 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM63P180
Description  4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P180 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM63P180 Datasheet HTML 2Page - OKI electronic componets MSM63P180 Datasheet HTML 3Page - OKI electronic componets MSM63P180 Datasheet HTML 4Page - OKI electronic componets MSM63P180 Datasheet HTML 5Page - OKI electronic componets MSM63P180 Datasheet HTML 6Page - OKI electronic componets MSM63P180 Datasheet HTML 7Page - OKI electronic componets MSM63P180 Datasheet HTML 8Page - OKI electronic componets MSM63P180 Datasheet HTML 9Page - OKI electronic componets MSM63P180 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
¡ Semiconductor
MSM63P180
6/35
PIN DESCRIPTIONS
The basic functions of each pin of the MSM63P180 are described in Table 1.
A symbol with a slash (/) denotes a pin that has a secondary function.
Refer to Table 2 for secondary functions.
For type, "—" denotes a power supply pin, "I" an input pin, "O" an output pin, and "I/O" an input-
output pin.
Table 1 Pin Descriptions (Basic Functions)
Function Symbol
Pin
Type
Description
VPP
86
—
Power supply (+12.5 V) for PROM writing
VDD
73
—
Positive power supply
VSS
62
—
Negative power supply
VDD1
63
VDD2
64
VDD3
65
—
Power supply pins for LCD bias (internally generated).
Capacitors (0.1
mF) should be connected between these pins and
VSS.
VDD4
66
Power
Supply
VDD5
67
C1
68
C2
69
—
Capacitor connection pins for LCD bias generation.
A capacitor (0.1
mF) should be connected between C1 and C2.
VDDI
87
—
Positive power supply pin for external interface
(power supply for input, output, and input-output ports)
VDDH
70
—
Voltage multiplier pin for power
supply backup (internally generated).
CB1
71
—
Pins to connect a capacitor for
voltage multiplier.
A capacitor (0.1
mF) should be
connected between CB1 and CB2.
CB2
72
—
XT0
79
I
Low-speed clock oscillation pins.
A 32.768 kHz crystal should be connected between XT0 and XT1,
and CG (12 to 30 pF) should be connected between XT0 and VSS.
Oscillation
XT1
78
O
OSC0
76
I
High-speed clock oscillation pins.
A ceramic resonator and capacitors (CL0, CL1) or external
oscillation resistor (ROS) should be connected to these pins.
OSC1
75
O
Test
TST1
81
I
Input pins for testing.
A pull-down resistor is internally connected to these pins.
The user cannot use these pins.
TST2
80
I
Reset input pin.
Setting this pin to "H" level puts this device into a reset state.
Then, setting this pin to "L" level starts executing an instruction
from address 0000H.
A pull-down resistor is internally connected to this pin.
Reset
RESET
77
I
Buzzer
BD
82
O
Buzzer output pin (non-inverted output)
BDB
83
O
Melody
MD
84
O
MDB
85
O
RESET
77
I
Buzzer output pin (inverted output)
Melody output pin (non-inverted output)
Melody output pin (inverted output)
To enable high-speed oscillation, apply
2.7 V to VDDH with CB1 and CB2 left open
(backup OFF).
To disable high-speed oscillation, connect
a 1
mF capacitor between VDDH and VSS
and between CB1 and CB2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com