Electronic Components Datasheet Search
  English  ▼

X  

MSM63P180 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM63P180
Description  4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63P180 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM63P180 Datasheet HTML 1Page - OKI electronic componets MSM63P180 Datasheet HTML 2Page - OKI electronic componets MSM63P180 Datasheet HTML 3Page - OKI electronic componets MSM63P180 Datasheet HTML 4Page - OKI electronic componets MSM63P180 Datasheet HTML 5Page - OKI electronic componets MSM63P180 Datasheet HTML 6Page - OKI electronic componets MSM63P180 Datasheet HTML 7Page - OKI electronic componets MSM63P180 Datasheet HTML 8Page - OKI electronic componets MSM63P180 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
¡ Semiconductor
MSM63P180
3/35
• Power supply backup
Backup circuit (voltage multiplier) enables operation at 1.45 V minimum
• Timers and counter
8-bit timer ¥ 4
Selectable as auto-reload mode/capture mode/clock frequency measurement mode
Watchdog timer ¥ 1
Overflows in 2 sec.
100 Hz timer ¥ 1
Measurable in steps of 1/100 sec.
15-bit time base counter ¥ 1
1, 2, 4, 8, 16, 32, 64, and 128 Hz signals can be read
• Time base capture function
Captures the time base counter output values (32, 64, 128, and 256 Hz) upon the rise (fall) of
P1.0 and P1.1
• Serial port
Mode
: UART mode, synchronous mode
UART communication speed
: 1200 bps, 2400 bps, 4800 bps, 9600 bps
Clock frequency in synchronous mode
: 32.768 kHz (internal clock mode), external
clock frequency
Data length
: 5 to 8 bits
• Shift register
Shift clock
: 1x or 1/2x system clock, timer 1 overflow,
external clock
Data length
: 8 bits
• Interrupt sources
External interrupt
: 6
Internal interrupt
: 14 (watchdog timer interrupt is a nonmask-
able interrupt)
• Operating voltage
When backup used
: VDD = 1.45 to 2.7 V
When backup not used
: VDD = 2.7 to 5.5 V
• Package:
176-pin plastic LQFP (LQFP176-P-2424-0.50-BK)
Product name : MSM63P180-xxxGS-BK (written PROM)
MSM63P180-NGS-BK (blanked PROM)
xxx indicates a code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com