Electronic Components Datasheet Search
  English  ▼

X  

MSM64162 Datasheet(PDF) 35 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 35 Page - OKI electronic componets

Back Button MSM64162 Datasheet HTML 31Page - OKI electronic componets MSM64162 Datasheet HTML 32Page - OKI electronic componets MSM64162 Datasheet HTML 33Page - OKI electronic componets MSM64162 Datasheet HTML 34Page - OKI electronic componets MSM64162 Datasheet HTML 35Page - OKI electronic componets MSM64162 Datasheet HTML 36Page - OKI electronic componets MSM64162 Datasheet HTML 37Page - OKI electronic componets MSM64162 Datasheet HTML 38Page - OKI electronic componets MSM64162 Datasheet HTML 39Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35/39
¡ Semiconductor
MSM64162
• Clock generation circuit (2CLK)
The clock generation circuit (2CLK) in the MSM64162 contains a 32.768 kHz crystal oscillation
circuit, a 400 kHz RC oscillation circuit, and a clock control port. This circuit generates the system
clock (CLK) and the time base clock (32.768 kHz).
The system clock drives the CPU while the time base clock drives the time base counter and the
buzzer driver.
Via the contents of the frequency Control Register (FCON), the system clock can be switched
between 32.768 kHz (the output of the crystal oscillation circuit) and 400 kHz (the output of the
RC oscillation circuit).
Note: The oscillation frequency of the RC oscillation circuit varies depending on the value of
an external resistor (ROS), operating power supply voltage (VDD), and ambient
temperatures (Ta).
• Time base counter (TBC)
The MSM64162 has a built-in time base counter (TBC) that generates clocks to be supplied to
internal peripheral circuits. The time base counter is composed of 15 binary counters. The count
clock of the time base is driven by the oscillation clock (32.768 kHz) of the crystal oscillation
circuit. The output of the time base counter is used for the buzzer driver, the system reset circuit,
the watchdog timer, the time base interrupt, the sampling clocks of each port, and the capture
circuit.
• I/O port
Input-output ports (P2, P3) (8 bits)
: Pull-up (pull-down) resistor input or high-
impedance input, CMOS output or NMOS
open drain output: these can be specified for
each bit; external 0 interrupt
Input port (P0) (4 bits)
: Pull-up (pull-down) resistor input or high-
impedance input; external 1 interrupt
Output port (P1) (4 bits)
: CMOS output or NMOS open drain output
• Interrupt (INTC)
The MSM64162 has 9 interrupt sources (9 vector addresses), of which two are external interrupts
from ports and seven are internal interrupts.
Of the nine interrupt sources, only the watchdog interrupt cannot be disabled (non-maskable
interrupt). The other eight interrupts are controlled by the master interrupt enable flag (MI) and
the interrupt enable registers (IE0, IE1 and IE2). When an interrupt condition is met, the CPU
branches to a vector address corresponding to the interrupt source.
• Battery check circuit (BC)
The battery check circuit (BC) detects the level of the supply voltage by comparing the voltage
generated by an external supply-voltage dividing resistor (RBLD) with the internal reference
voltage (Vrb).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com