Electronic Components Datasheet Search
  English  ▼

X  

MSM64162 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM64162 Datasheet HTML 4Page - OKI electronic componets MSM64162 Datasheet HTML 5Page - OKI electronic componets MSM64162 Datasheet HTML 6Page - OKI electronic componets MSM64162 Datasheet HTML 7Page - OKI electronic componets MSM64162 Datasheet HTML 8Page - OKI electronic componets MSM64162 Datasheet HTML 9Page - OKI electronic componets MSM64162 Datasheet HTML 10Page - OKI electronic componets MSM64162 Datasheet HTML 11Page - OKI electronic componets MSM64162 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8/39
¡ Semiconductor
MSM64162
PIN DESCRIPTIONS
The following tables describe the pin basic functions and secondary functions of the MSM64162.
For pin, "64QFP" and "80QFP" denote 64-pin flat package and 80-pin flat package respectively.
Basic Functions
Function Symbol
Pin
Pad
Type
Description
27
27
—
0 V power supply
VDD
59
59
—
Negative power supply (for 1.5 V spec.)
Bias output for drivig LCD (–1.5 V) (for 3.0 V spec.)
VSS1
60
60
—
Negative power supply (for 3.0 V spec.)
Bias output for driving LCD (–3.0 V) (for 1.5 V spec.)
VSS2
Power
Supply
62
62
—
Bias output for driving LCD (–4.5 V).
VSS3
63
63
—
Pins for connecting a capacitor for generating LCD
driving bias
C1
64
64
—
C2
61
61
—
Negative power supply for internal logic
(An internally generated constant voltage is present at
this pin.)
VSSL
Oscillation
29
29
O
Low-speed clock oscillation input and output pins:
Connect to a crystal (32.768 kHz).
XT
26
26
O
OSC2
31
31
I
TST1
Test
32
32
I
TST2
Reset
30
30
I
System reset input pin.
Setting this pin to "L" level puts this device into a reset state.
Then, setting this pin to "H" level starts executing an
instruction from address 000H.
A pull-up resistor is internally connected to this pin.
RESET
Input pins for testing.
A pull-up resistor is internally connected to these pins.
25
25
I
OSC1
28
28
I
XT
High-speed clock oscillation input and output pins:
Connect to an external resistor for oscillation (ROS).
74
36
37
40
41
42
39
77
72
80
1
79
71
76
64QFP 80QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com