Electronic Components Datasheet Search
  English  ▼

X  

MSM64162 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM64162 Datasheet HTML 5Page - OKI electronic componets MSM64162 Datasheet HTML 6Page - OKI electronic componets MSM64162 Datasheet HTML 7Page - OKI electronic componets MSM64162 Datasheet HTML 8Page - OKI electronic componets MSM64162 Datasheet HTML 9Page - OKI electronic componets MSM64162 Datasheet HTML 10Page - OKI electronic componets MSM64162 Datasheet HTML 11Page - OKI electronic componets MSM64162 Datasheet HTML 12Page - OKI electronic componets MSM64162 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9/39
¡ Semiconductor
MSM64162
Basic Functions (continued)
Function Symbol
Pin
Pad
Type
Description
4-bit input port (P0):
Selectable as pull-up resistor input, pull-down resistor
input, or high impedance input by the port 01 control
register (P01CON).
As secondary functions, P0.0 to P0.3 are assigned
external interrupt functions, P0.0 and P0.1 are assigned
a capture trigger function, and P0.3 is assigned an
analog comparator input for battery check.
Ports
37
37
O
Resistance temperature sensor connection pin
(for channel 0)
RT0
38
38
O
A/D
Converter
Resistance/capacitance temperature sensor connection
pin (for channel 0)
39
39
O
RS0
Reference resistor connection pin (for channel 0)
40
40
O
CS0
Reference capacitor connection pin (for channel 0)
CRT0
P0.0
33
33
I
P0.1
34
34
I
P0.2
35
35
I
P0.3
36
36
I
4-bit output port (P1):
Selectable as NMOS open drain output or CMOS output
by the port 01 control register (P01CON). P1.0 is a
high current drive output port.
P1.0
55
55
O
P1.1
56
56
O
P1.2
57
57
O
P1.3
58
58
O
4-bit input-output port (P2):
Following can be specified for each bit by the port 2
control registers 0 to 3 (P20CON to P23CON): (1) input
or output, (2) pull-up/pull-down resistor input or high
impedance input, and (3) NMOS open drain output or
CMOS output.
As secondary functions, P2.0 to P2.3 are assigned
external interrupt functions.
P2.0
46
46
I/O
P2.1
47
47
I/O
P2.2
48
48
I/O
P2.3
49
49
I/O
4-bit input-output port (P3):
Following can be specified for each bit by the port 3
control registers 0 to 3 (P30CON to P33CON): (1) input
or output, (2) pull-up/pull-down resistor input or high
impedance input, and (3) NMOS open drain output or
CMOS output.
As secondary functions, P3.0 to P3.3 are assigned
external interrupt functions, P3.3 is assigned a function
that monitors the RC oscillation clock for A/D converter.
P3.0
50
50
I/O
P3.1
51
51
I/O
P3.2
52
52
I/O
P3.3/MON
53
53
I/O
41
41
I
Input pin for RC oscillator circuit (for channel 0)
IN0
45
45
O
Resistance temperature sensor connection pin
(for channel 1)
44
44
O
RS1
Reference resistor connection pin (for channel 1)
43
43
O
CS1
Reference capacitor connection pin (for channel 1)
RT1
54
54
O
Output pin for the buzzer driver
BD
Buzzer
42
42
I
IN1
Input pin for RC oscillator circuit (for channel 1)
6
8
9
10
2
3
4
5
29
31
34
35
17
18
19
20
21
23
25
26
11
16
15
13
27
12
64QFP 80QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com