Electronic Components Datasheet Search
  English  ▼

X  

MSM64162 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM64162 Datasheet HTML 1Page - OKI electronic componets MSM64162 Datasheet HTML 2Page - OKI electronic componets MSM64162 Datasheet HTML 3Page - OKI electronic componets MSM64162 Datasheet HTML 4Page - OKI electronic componets MSM64162 Datasheet HTML 5Page - OKI electronic componets MSM64162 Datasheet HTML 6Page - OKI electronic componets MSM64162 Datasheet HTML 7Page - OKI electronic componets MSM64162 Datasheet HTML 8Page - OKI electronic componets MSM64162 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
¡ Semiconductor
MSM64162
PIN CONFIGURATION (TOP VIEW) (continued)
80-Pin Plastic QFP
Notes: 1. Pins marked as (NC) are no-connection pins which are left open.
2. VDD should be supplied from pin 74. Pin 32 is internally connected to VDD.
C1
41
C2
42
L0
43
L1
44
L2
45
L3
46
L4
47
L5
48
L6
49
L7
50
L8
51
L9
52
(NC)
53
L10
54
L11
55
L12
56
L13
57
L14
58
(NC)
59
L15
60
L16/P5.0
61
L17/P5.1
62
L18/P5.2
63
L19/P5.3
64
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
(NC)
P3.1
(NC)
P3.0
P2.3
P2.2
P2.1
P2.0
RT1
RS1
(NC)
CS1
IN1
IN0
CS0
RS0
CRT0
(NC)
RT0
P0.3
P0.2
P0.1
P0.0
TST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com