Electronic Components Datasheet Search
  English  ▼

X  

MSM64162 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM64162
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM64162 Datasheet HTML 2Page - OKI electronic componets MSM64162 Datasheet HTML 3Page - OKI electronic componets MSM64162 Datasheet HTML 4Page - OKI electronic componets MSM64162 Datasheet HTML 5Page - OKI electronic componets MSM64162 Datasheet HTML 6Page - OKI electronic componets MSM64162 Datasheet HTML 7Page - OKI electronic componets MSM64162 Datasheet HTML 8Page - OKI electronic componets MSM64162 Datasheet HTML 9Page - OKI electronic componets MSM64162 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/39
¡ Semiconductor
MSM64162
PAD CONFIGURATION
Pad Layout
Chip Size
: 4.69 mm ¥ 4.41 mm
Chip Thickness
: 350 mm (typ.)
Coordinate Origin
: Chip center
Pad Hole Size
: 110 mm ¥ 110 mm
Pad Size
: 130 mm ¥ 130 mm
Minimum Pad Pitch
: 180 mm
Note: The chip substrate voltage is VDD.
51
52
53
54
55
56
57
58
59
60
61
62
63
64
1
2 3 4
5 6 7 8 9 10 1112 13 1415 1617 18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
46
47
48
49
50
y
x
45 44 43 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com