Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 5 Page - Texas Instruments

  INA191 Datasheet HTML 1Page - Texas Instruments INA191 Datasheet HTML 2Page - Texas Instruments INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
INA191
www.ti.com
SLYS020 – FEBRUARY 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN–, VVS = 1.8 V to 5.0 V, VIN+ = 12 V, and VENABLE = VVS (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio
VSENSE = 0 mV, VIN+ = –0.1 V to 40 V,
TA = –40°C to +125°C
120
150
dB
VO
Offset voltage, RTI(1)
VVS = 1.8 V, VSENSE = 0 mV
–3
±15
µV
dVOS/dT
Offset drift, RTI
VSENSE = 0 mV, TA = –40°C to +125°C
10
130
nV/°C
PSRR
Power-supply rejection ratio, RTI
VSENSE = 0 mV, VVS = 1.7 V to 5.5 V
–3
±5
µV/V
IIB
Input bias current
VSENSE = 0 mV
0.5
3
nA
IIO
Input offset current
VSENSE = 0 mV
±0.07
nA
OUTPUT
G
Gain
A1 devices
25
V/V
A2 devices
50
V/V
A3 devices
100
V/V
A4 devices
200
V/V
A5 devices
500
EG
Gain error
VOUT = 0.1 V to VS – 0.1 V
–0.04%
±0.3%
Gain error vs temperature
TA = –40°C to +125°C
2
7
ppm/°C
Nonlinearity error
VOUT = 0.1 V to VVS – 0.1 V
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
VSP
Swing to VVS power-supply rail
VVS = 1.8 V, RL = 10 kΩ to GND,
TA = –40°C to +125°C
(VVS) – 20
(VVS) – 40
mV
VSN
Swing to GND
VVS = 1.8 V, RL = 10 kΩ to GND,
TA = –40°C to +125°C, VSENSE = -10 mV
(VGND) + 0.05
(VGND) + 1
mV
Zero current output voltage
VVS = 1.8 V, A1, A2, A3 Devices, RL = 10 kΩ to
GND, TA = –40°C to +125°C, VSENSE = 0 mV
(VGND) + 1
(VGND) + 3
mV
VVS = 1.8 V, A4 Devices, RL = 10 kΩ to GND,
TA = –40°C to +125°C, VSENSE = 0 mV
(VGND) + 2
(VGND) + 4
mV
VVS = 1.8 V, A5 Devices, RL = 10 kΩ to GND,
TA = –40°C to +125°C, VSENSE = 0 mV
(VGND) + 3
(VGND) + 9
mV
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 10 pF
45
kHz
A2 devices, CLOAD = 10 pF
37
kHz
A3 devices, CLOAD = 10 pF
35
kHz
A4 devices, CLOAD = 10 pF
33
kHz
A5 devices, CLOAD = 10 pF
27
kHz
SR
Slew rate
VVS = 5.0 V, VOUT = 0.5 V to 4.5 V
0.3
V/µs
tS
Settling time
From current step to within 1% of final value
30
µs
NOISE, RTI(1)
Voltage noise density
75
nV/
√Hz
ENABLE
IEN
Leakage input current
0 V
≤ VENABLE ≤ VVS
1
100
nA
VIH
High-level input voltage
1.3
5.5
V
VIL
Low-level input voltage
0
0.4
V
VHYS
Hysteresis
100
mV
IODIS
Disabled output leakage
VVS = 1.8 V, VOUT = 0 V to 1.8 V, VENABLE = 0 V
1
5
µA
POWER SUPPLY
IQ
Quiescent current
VSENSE = 0 mV, VVS = 1.8 V
50
65
µA
VSENSE = 0 mV, VVS = 1.8 V,
TA = –40°C to +125°C
90
µA
IQDIS
Quiescent current disabled
VENABLE < 0.4, VSENSE = 0 mV
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com