Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 1 Page - Texas Instruments

  INA191 Datasheet HTML 1Page - Texas Instruments INA191 Datasheet HTML 2Page - Texas Instruments INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC
ENABL E
VS
OUT
GND
IN+
IN±
LOA D
Microco ntr oller
Sup ply Vo ltag e
1.7 V to 5.5 V
100 pA
(typ)
100 pA
(typ)
0.1 …F
RSENS E
TI-Device
TM
Bus Voltage
up to +40 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
INA191
SLYS020 – FEBRUARY 2019
INA191 Low-supply, voltage-output, low-side or high-side measurement,
zero-drift series, current-shunt monitor
1
1 Features
1
•
Low supply voltage, VVS: 1.7 V to 5.5 V
•
Wide common-mode voltage: –0.2 V to +40 V
•
Low shutdown current: 100 nA (max)
•
Low input bias currents: 500 pA (typ)
•
Low offset voltage, VOS: ±15 μV (max)
(enables shunt drops of 10-mV full-scale)
•
Accuracy:
–
±0.3% gain error (max over temperature)
–
0.13-μV/°C offset drift (max)
–
7-ppm/°C gain drift (max)
•
Gain options:
–
INA191A1: 25 V/V
–
INA191A2: 50 V/V
–
INA191A3: 100 V/V
–
INA191A4: 200 V/V
–
INA191A5: 500 V/V
•
Quiescent current: 45 μA at 25°C (typ)
•
DSBGA package
2 Applications
•
Notebook computers
•
Cell phones
•
Battery-powered devices
•
Telecom equipment
•
Power management
•
Battery chargers
3 Description
The INA191 is a voltage-output, current-shunt monitor
(also
called
a
current-sense
amplifier)
that
is
commonly used for overcurrent protection, precision-
current measurement for system optimization, or in
closed-loop feedback circuits. This device can sense
drops across shunts at common-mode voltages from
–0.2 V to +40 V, independent of the supply voltage.
The low input bias current of the INA191 permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the µA range. Five
fixed gains are available: 25 V/V, 50 V/V, 100 V/V,
200 V/V, or 500 V/V. The low offset voltage of the
zero-drift architecture extends the dynamic range of
the current measurement allowing for smaller sense
resistors with lower power loss while still providing
accurate current measurements.
These devices operate from a single 1.7-V to 5.5-V
power supply, drawing a maximum of 65 µA of supply
current when enabled and only 100 nA when
disabled. All devices are specified over the extended
operating temperature range of –40°C to +125°C, and
are offered in a DSBGA-6 package..
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA191
DSBGA (6)
1.17 mm × 0.765 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Simplified Schematic


Similar Part No. - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA191 TI1-INA191 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA191 TI-INA191 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI2-INA191 Datasheet
1Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
REVISED AUGUST 2021
INA191A1IYFDR TI1-INA191A1IYFDR Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
More results

Similar Description - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA210 TI-INA210_15 Datasheet
1Mb / 37P
INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com