Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ADC
RSENS E
LOA D
Microco ntr oller
ENABL E
VS
OUT
GND
IN+
IN±
RSENS E
LOA D
0.1 F
Sup ply Vo ltag e
1.7 V to 5.5 V
GPIO1
GPIO2
ENABL E
VS
OUT
GND
IN+
IN±
0.1 F
Sup ply Vo ltag e
1.7 V to 5.5 V
TI-Device
TM
TI-Device
TM
Bus Voltage1
up to +40 V
Bus Voltage2
up to +40 V
9
INA191
www.ti.com
SLYS020 – FEBRUARY 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The INA191 is in normal operation when the following conditions are met:
•
The power-supply voltage (VVS) is between 1.7 V and 5.5 V.
•
The common-mode voltage (VCM) is within the operating range of –0.2 V to +40 V.
•
The maximum differential input signal times the gain is less than VVS minus the output voltage swing to VVS.
•
The minimum differential input signal times the gain is greater than the swing to GND (see the Rail-to-Rail
Output Swing section).
During normal operation, this device produces an output voltage that is the gained-up representation of the
difference voltage from IN+ to IN– .
7.4.2 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INA191 drives
the output as close as possible to the positive supply or ground, and does not provide accurate measurement of
the differential input voltage. If this input overload occurs during normal circuit operation, then reduce the value of
the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this mode of operation. If a
differential overload occurs in a fault event, then the output of the INA191 returns to the expected value
approximately 80 µs after the fault condition is removed.
7.4.3 Shutdown
The INA191 features an active high ENABLE pin that, when pulled to a logic low signal shuts, down the device.
When shut down, the quiescent current is reduced to 10 nA (typ), and the output goes to a high-impedance state.
The low quiescent current extends the battery lifetime when the current measurement is not needed. When the
ENABLE pin is driven to a logic-high level, the device turns back on. The typical output setting time when
enabled is 130 µs.
The output of the INA191 goes to a high-impedance state when disabled; therefore, it is possible to connect
multiple outputs of the INA191 together to a single ADC or measurement device, as shown in Figure 2.
Figure 2. Multiplexing Multiple Devices With the ENABLE Pin
When connected in this way, enable only one INA191 at a time, and make sure both devices have the same
supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com