Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
INA191
www.ti.com
SLYS020 – FEBRUARY 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Precision Current Measurement
Featuring both low offset and small gain error, the INA191 is capable of accurately measuring currents over a
wider range of currents while using the same current-sense resistor. The offset voltage of the INA191 is less than
15 µV. The low offset allows the device to be used in applications that measure current over a wide dynamic
range. In this case, the low offset improves the accuracy when the sensed currents are on the low end of the
measurement range. Another advantage of low offset is the ability to use a lower-value shunt resistor, which
reduces the power loss in the current-sense circuit, and improves the power efficiency of the end application.
The gain error of the INA191 is specified to be within 0.3% of the actual value. As the sensed voltage becomes
much larger than the offset voltage, the sensed voltage becomes the dominant source of error in the current-
sense measurement. When the device is monitoring currents near the full-scale output range, the total
measurement error approaches the value of the gain error.
7.3.2 Low Input Bias Current
The INA191 is different from most current-sense amplifiers in that this device offers very low input bias current.
The low input bias current of the INA191 (0.5 nA, typically) has three primary benefits.
The first benefit is the reduction of the current consumed by the device in both the enabled and disabled states.
Classical current-sense amplifier topologies typically consume tens of microamps of current in the resistor divider
network that determines the gain. To reduce the bias current to near zero, the INA191 uses a capacitively
coupled amplifier on the input stage, followed by a difference amplifier on the output stage.
The second benefit of low bias current is the ability to use a larger current-sense resistor, which allows the
device to accurately monitor currents as low as 1 µA.
The third benefit of low bias current is the ability to use input filters to reject high-frequency noise before the
signal is amplified. In a traditional current-sense amplifier, the addition of input filters comes with the price of
reduced accuracy; however, as a result of the low bias currents, input filters have little effect on the
measurement accuracy of the INA191.
7.3.3 Low Quiescent Current With Output Enable
The device features low quiescent current (IQ), while still providing sufficient small-signal bandwidth to be usable
in most applications. The quiescent current of the INA191 is only 45 µA (typ), while providing a small-signal
bandwidth of 35 kHz in a gain of 100. The low IQ and good bandwidth allows the device to be used in many
portable electronic systems without concern of excessive drain on the battery. Because many applications only
need to periodically monitor current, the INA191 features an enable pin that turns off the device until needed.
7.3.4 High-Side and Low-Side Current Sensing
The INA191 supports input common-mode voltages from –0.2 V to +40 V. Because of the internal topology, the
common-mode range is not restricted by the power-supply voltage (VVS), as long as VVS stays within the
operational range of 1.7 V to 5.5 V. The ability to operate with common-mode voltages greater or less than VVS
allows the INA191 to be used in high-side, as well as low-side, current-sensing applications, as shown in
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com