Electronic Components Datasheet Search
  English  ▼

X  

INA191 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MIN
SENSE
SN
I
R
GAIN > V
u
u
MAX
SENSE
SP
I
R
GAIN
V
u
u
MAX
SENSE
2
MAX
PD
R
I
11
INA191
www.ti.com
SLYS020 – FEBRUARY 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
8.1.2 RSENSE and Device Gain Selection
The accuracy of any current-sense amplifier is maximized by choosing the current-sense resistor to be as large
as possible. A large sense resistor maximizes the differential input signal for a given amount of current flow and
reduces the error contribution of the offset voltage. However, there are practical limits as to how large the
current-sense resistor can be in a given application because of the resistor size and maximum allowable power
dissipation. Equation 1 gives the maximum value for the current-sense resistor for a given power dissipation
budget:
where:
•
PDMAX is the maximum allowable power dissipation in RSENSE.
•
IMAX is the maximum current that flows through RSENSE.
(1)
An additional limitation on the size of the current-sense resistor and device gain is due to the power-supply
voltage, VVS, and device swing-to-rail limitations. In order to make sure that the current-sense signal is properly
passed to the output, both positive and negative output swing limitations must be examined. Equation 2 provides
the maximum values of RSENSE and GAIN to keep the device from hitting the positive swing limitation.
where:
•
IMAX is the maximum current that flows through RSENSE.
•
GAIN is the gain of the current-sense amplifier.
•
VSP is the positive output swing as specified in the data sheet.
(2)
To avoid positive output swing limitations when selecting the value of RSENSE, there is always a trade-off between
the value of the sense resistor and the gain of the device under consideration. If the sense resistor selected for
the maximum power dissipation is too large, then it is possible to select a lower-gain device in order to avoid
positive swing limitations.
The negative swing limitation places a limit on how small of a sense resistor can be used in a given application.
Equation 3 provides the limit on the minimum size of the sense resistor.
where:
•
IMIN is the minimum current flows through RSENSE.
•
GAIN is the gain of the current-sense amplifier.
•
VSN is the negative output swing of the device (see Rail-to-Rail Output Swing).
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com