Electronic Components Datasheet Search
  English  ▼

X  

LP140WF1 Datasheet(PDF) 30 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 30 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 31Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
APPENDIX A. Enhanced Extended Display Identification Data (EEDIDTM)
2/3
30 / 31
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
54
36
Pixel Clock/10,000 (LSB)
140.1 MHz @ 60 Hz
BA
10111010
55
37
Pixel Clock/10,000 (MSB)
36
00110110
56
38
Horizontal Active (HA)
(lower 8 bits)
1920 pixels
80
10000000
57
39
Horizontal Blanking (HB) (lower 8 bits)
172 pixels
AC
10101100
58
3A
Horizontal Active (HA) / Horizontal Blanking (HB) (upper 4:4bits)
70
01110000
59
3B
Vertical Avtive (VA)
1080 lines
38
00111000
60
3C
Vertical Blanking (VB) (DE Blanking typ.for DE only panels)
36 lines
24
00100100
61
3D
Vertical Active (VA) / Vertical Blanking (VB) (upper 4:4bits)
40
01000000
62
3E
Horizontal Front Porch in pixels (HF) (lower 8 bits)
60 pixels
3C
00111100
63
3F
Horizontal Sync Pulse Width in pixels (HS) (lower 8 bits)
36 pixels
24
00100100
64
40
Vertical Front Porch in lines (VF) : Vertical Sync Pluse Width in lines (VS) (lower 4 bits)
3 lines : 5 lines
35
00110101
65
41
Horizontal Front Porch/ Sync Pulse Width/ Vertical Front Porch/ Sync Pulse Width (upper 2bits)
00
00000000
66
42
Horizontal Vedio Image Size (mm) (lower 8 bits)
309 mm
35
00110101
67
43
Vertical Vedio Image Size
(mm) (lower 8 bits)
175 mm
AF
10101111
68
44
Horizontal Image Size / Vertical Image Size (upper 4 bits)
10
00010000
69
45
Horizontal Border = 0 (Zero for Notebook LCD)
00
00000000
70
46
Vertical Border = 0
(Zero for Notebook LCD)
00
00000000
71
47
Non-Interlace, Normal display, no stereo, Digital Separate [ Vsync_NEG, Hsync_POS (outside of V-sync) ]
1A
00011010
72
48
Pixel Clock/10,000 (LSB)
93.4 MHz @ 40 Hz
7C
01111100
73
49
Pixel Clock/10,000 (MSB)
24
00100100
74
4A
Horizontal Active (HA)
(lower 8 bits)
1920 pixels
80
10000000
75
4B
Horizontal Blanking (HB) (lower 8 bits)
172 pixels
AC
10101100
76
4C
Horizontal Active (HA) / Horizontal Blanking (HB) (upper 4:4bits)
70
01110000
77
4D
Vertical Avtive (VA)
1080 lines
38
00111000
78
4E
Vertical Blanking (VB) (DE Blanking typ.for DE only panels)
36 lines
24
00100100
79
4F
Vertical Active (VA) / Vertical Blanking (VB) (upper 4:4bits)
40
01000000
80
50
Horizontal Front Porch in pixels (HF) (lower 8 bits)
60 pixels
3C
00111100
81
51
Horizontal Sync Pulse Width in pixels (HS) (lower 8 bits)
36 pixels
24
00100100
82
52
Vertical Front Porch in lines (VF) : Vertical Sync Pluse Width in lines (VS) (lower 4 bits)
3 lines : 5 lines
35
00110101
83
53
Horizontal Front Porch/ Sync Pulse Width/ Vertical Front Porch/ Sync Pulse Width (upper 2bits)
00
00000000
84
54
Horizontal Vedio Image Size (mm) (lower 8 bits)
309 mm
35
00110101
85
55
Vertical Vedio Image Size
(mm) (lower 8 bits)
175 mm
AF
10101111
86
56
Horizontal Image Size / Vertical Image Size (upper 4 bits)
10
00010000
87
57
Horizontal Border = 0 (Zero for Notebook LCD)
00
00000000
88
58
Vertical Border = 0
(Zero for Notebook LCD)
00
00000000
89
59
Non-Interlace, Normal display, no stereo, Digital Separate [ Vsync_NEG, Hsync_POS (outside of V-sync) ]
1A
00011010
90
5A
Blank for nvDPS
00
00000000
91
5B
Blank for nvDPS
00
00000000
92
5C
Blank for nvDPS
00
00000000
93
5D
Blank for nvDPS
00
00000000
94
5E
Blank for nvDPS
00
00000000
95
5F
Blank for nvDPS
00
00000000
96
60
Blank for nvDPS
00
00000000
97
61
Blank for nvDPS
00
00000000
98
62
Blank for nvDPS
00
00000000
99
63
Blank for nvDPS
00
00000000
100
64
Blank for nvDPS
00
00000000
101
65
Blank for nvDPS
00
00000000
102
66
Blank for nvDPS
00
00000000
103
67
Blank for nvDPS
00
00000000
104
68
Blank for nvDPS
00
00000000
105
69
Blank for nvDPS
00
00000000
106
6A
Blank for nvDPS
00
00000000
107
6B
Blank for nvDPS
00
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com