Electronic Components Datasheet Search
  English  ▼

X  

LP140WF1 Datasheet(PDF) 26 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 26 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 30Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
8. Packing
8-1. Designation of Lot Mark
a) Lot Mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : SIZE(INCH)
D : YEAR
E : MONTH
F ~ M : SERIAL NO.
Note
1. YEAR
2. MONTH
Mark
Year
K
2020
F
2016
G
2017
H
2018
J
2019
D
2014
E
2015
C
B
A
2013
2012
2011
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
b) Location of Lot Mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
a) Package quantity in one box :30 ea
b) Box Size : 478 × 365 × 288 mm
c) Box Label :
8-2. Packing Form
8-3. CT Code
HP Assembly Code (A.Code)
A.Code
HP P/N
DSYH
711939-292
CT : C AAAA XX XX XX XXX
26 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com