Electronic Components Datasheet Search
  English  ▼

X  

LP140WF1 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP156WF4. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
Outline Dimension
Horizontal
320.4
 0.5mm
Vertical
205.1
 0.5mm (with Bracket & PCB Board)
Thickness
3.0mm (max.)
Bezel Area
Horizontal
312.50
 0.5mm
Vertical
177.10
 0.5mm
Active Display Area
Horizontal
309.31
 0.3mm
Vertical
173.99
 0.3mm
Weight
300 g (Max.) / 290 g (Typ.)
Surface Treatment
Anti-Glare treatment of the front polarizer
16 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com