Electronic Components Datasheet Search
  English  ▼

X  

LP140WF1 Datasheet(PDF) 31 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 31 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 31Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
APPENDIX A. Enhanced Extended Display Identification Data (EEDIDTM)
3/3
31 / 31
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
108
6C
Detailed Timing Descriptions #4
00
00000000
109
6D
Flag
00
00000000
110
6E
Reserved
00
00000000
111
6F
For Brightness Table and Power consumption
02
00000010
112
70
Flag
00
00000000
113
71
PWM % [7:0] @ Step 0
5 % @ 15 nit
0C
00001100
114
72
PWM % [7:0] @ Step 5
20 % @ 60 nit
33
00110011
115
73
PWM % [7:0] @ Step 10
100 % @ 300 nit
FF
11111111
116
74
Nits [7:0] @ Step 0
0F
00001111
117
75
Nits [7:0] @ Step 5
3C
00111100
118
76
Nits [7:0] @ Step 10
96
10010110
119
77
Panel Electronicx Power @ 32 x 32 Chess Pattern = 1000 mW
19
00011001
120
78
Backlight Power @ 60 nits = 870 mW
16
00010110
121
79
Backlight Power @ Step 10 = 4000 mW
32
00110010
122
7A
Nits @ 100% PWM Duty = 300 nit
96
10010110
123
7B
Flag
00
00000000
124
7C
Flag
00
00000000
125
7D
Flag
00
00000000
126
7E
Extension flag (# of optional 128 panel ID extension block to follow, Typ = 0)
00
00000000
127
7F
Check Sum (The 1-byte sum of all 128 bytes in this panel ID block shall = 0)
FB
11111011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com