Electronic Components Datasheet Search
  English  ▼

X  

LP140WF1 Datasheet(PDF) 24 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 24 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
6. Reliability
Environment test condition
{ Result Evaluation Criteria }
There should be no change which might affect the practical display function when the display quality
test is conducted under normal operating condition.
No.
Test Item
Conditions
1
High temperature storage test
Ta= 60
C, 240h
2
Low temperature storage test
Ta= -20
C, 240h
3
High temperature operation test
Ta= 50
C, 50%RH, 240h
4
Low temperature operation test
Ta= 0
C, 240h
5
Vibration test (non-operating)
Sine wave, 5 ~ 150Hz, 1.5G, 0.37oct/min
3 axis, 30min/axis
6
Shock test (non-operating)
- No functional or cosmetic defects following a shock
to all 6 sides delivering at least 180 G in a half sine
pulse no longer than 2 ms to the display module
- No functional defects following a shock delivering
at least 200 g in a half sine pulse no longer than 2
ms to each of 6 sides. Each of the 6 sides will be
shock tested with one each display, for a total of 6
displays
7
Altitude
operating
storage / shipment
0 ~ 10,000 feet (3,048m) 24Hr
0 ~ 40,000 feet (12,192m) 24Hr
24 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com