Electronic Components Datasheet Search
  English  ▼

X  

EPCQ64 Datasheet(PDF) 7 Page - Intel Corporation

Part # EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Datasheet(HTML) 7 Page - Intel Corporation

Back Button EPCQ64 Datasheet HTML 3Page - Intel Corporation EPCQ64 Datasheet HTML 4Page - Intel Corporation EPCQ64 Datasheet HTML 5Page - Intel Corporation EPCQ64 Datasheet HTML 6Page - Intel Corporation EPCQ64 Datasheet HTML 7Page - Intel Corporation EPCQ64 Datasheet HTML 8Page - Intel Corporation EPCQ64 Datasheet HTML 9Page - Intel Corporation EPCQ64 Datasheet HTML 10Page - Intel Corporation EPCQ64 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Symbol
Parameter
Condition
Min
Max
Unit
VOL
Low-level output voltage
IOL = 1.6 mA (7)
—
0.4
V
II
Input leakage current
VI =VCC or GND
-10
10
µA
IOZ
Tri-state output off-state
current
VO = VCC or GND
-10
10
µA
1.3.4. ICC Supply Current
Table 5.
ICC Supply Current
Symbol
Parameter
Condition
Min
Max
Unit
ICC0
VCC supply current
Standby
—
100
µA
ICC1
VCC supply current for all
devices except EPCQ512/A
During active power mode
5
20
mA
VCC supply current for
EPCQ512/A
—
60
mA
1.3.5. Capacitance
Table 6.
Capacitance
Capacitance is sample-tested only at TA = 25 x C and at a 54 MHz frequency.
Symbol
Parameter
Condition
Min
Max
Unit
CIN
Input pin capacitance
VIN =0 V
—
6
pF
COUT
Output pin capacitance
VOUT =0 V
—
8
pF
1.4. Memory Array Organization
Table 7.
Supported Memory Array Organization in EPCQ Devices
Details
EPCQ16
EPCQ32
EPCQ64
EPCQ128
EPCQ256
EPCQ512/A
Bytes
2,097,152
bytes [16
megabits
(Mb)]
4,194,304
bytes (32
Mb)
8,388,608
bytes (64
Mb)
16,777,216
bytes (128
Mb)
33,554,432
bytes (256
Mb)
67,108,864
bytes (512
Mb)
Number of sectors
32
64
128
256
512
1,024
Bytes per sector
65,536 bytes [512 kilobits (Kb)]
Total numbers of subsectors
(8)
512
1,024
2,048
4,096
8,192
16,384
Bytes per subsector
4,096 bytes (32 Kb)
continued...
(7) The IOL parameter refers to the low-level TTL or CMOS output current.
(8) Every sector is further divided into 16 subsectors with 4 KB of memory. Therefore, there are
512 (32 x 16) subsectors for the EPCQ16 device, 1,024 (64 x 16) subsectors for the EPCQ32
device, 2,048 (128 x 16) subsectors for the EPCQ64 device, 4,096 (256 x 16) subsectors for
the EPCQ128 device, 8,192 (512 x 16) subsectors for the EPCQ256 device, and 16,384
(1,024 x 16) subsectors for the EPCQ512/A device.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com