Electronic Components Datasheet Search
  English  ▼

X  

EPCQ64 Datasheet(PDF) 30 Page - Intel Corporation

Part # EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Datasheet(HTML) 30 Page - Intel Corporation

Back Button EPCQ64 Datasheet HTML 26Page - Intel Corporation EPCQ64 Datasheet HTML 27Page - Intel Corporation EPCQ64 Datasheet HTML 28Page - Intel Corporation EPCQ64 Datasheet HTML 29Page - Intel Corporation EPCQ64 Datasheet HTML 30Page - Intel Corporation EPCQ64 Datasheet HTML 31Page - Intel Corporation EPCQ64 Datasheet HTML 32Page - Intel Corporation EPCQ64 Datasheet HTML 33Page - Intel Corporation EPCQ64 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Operation
Operation Code(14)
Address Bytes
Dummy Clock
Cycles
Data Bytes
DCLK fMAX
(MHz)
Extended dual input fast
write bytes
D2h
3 or 4
0
1 to 256(17)
100
Extended quad input fast
write bytes for EPCQ16,
EPCQ32, EPCQ64,
EPCQ128 and EPCQ256
devices
12h
3 or 4
0
1 to 256(17)
100
Extended quad input fast
write bytes for
EPCQ512/A devices
38h
3 or 4
0
1 to 256(17)
100
Erase bulk
C7h
0
0
0
100
Erase sector
D8h
3 or 4
0
0
100
Erase subsector
20h
3
0
0
100
4BYTEADDREN(18)
B7h
0
0
0
100
4BYTEADDREX(18)
E9h
0
0
0
100
1.7.1. 4BYTEADDREN and 4BYTEADDREX Operations (B7h and E9h)
To enable 4BYTEADDREN or 4BYTEADDREX operations, you can select the device by
driving the nCS signal low, followed by shifting in the operation code through DATA0.
Note:
You must execute a write enable operation before you can enable the 4BYTEADDREN
or 4BYTEADDREX operation.
Figure 6.
4BYTEADDREN Timing Diagram
2
0
Operation Code (B7h)
nCS
DCLK
DATA0
3 4
5 6
7
1
(14) List MSB first and LSB last.
(18) This operation is applicable for EPCQ256 and EPCQ512/A devices only.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com