Electronic Components Datasheet Search
  English  ▼

X  

EPCQ64 Datasheet(PDF) 4 Page - Intel Corporation

Part # EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Datasheet(HTML) 4 Page - Intel Corporation

  EPCQ64 Datasheet HTML 1Page - Intel Corporation EPCQ64 Datasheet HTML 2Page - Intel Corporation EPCQ64 Datasheet HTML 3Page - Intel Corporation EPCQ64 Datasheet HTML 4Page - Intel Corporation EPCQ64 Datasheet HTML 5Page - Intel Corporation EPCQ64 Datasheet HTML 6Page - Intel Corporation EPCQ64 Datasheet HTML 7Page - Intel Corporation EPCQ64 Datasheet HTML 8Page - Intel Corporation EPCQ64 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
This datasheet describes quad-serial configuration (EPCQ) devices. EPCQ is an in-
system programmable NOR flash memory.
1.1. Supported Devices
Table 1.
Supported Intel EPCQ Devices
Note:
EPCQ devices are scheduled for product obsolescence and discontinued support as described
in PDN1708 and PDN1802. Intel® recommends that you use the EPCQ-A configuration
devices.
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP Support
Cascading
Support
Reprogrammab
le
Recommend
ed Operating
Voltage (V)
EPCQ16
16,777,216
No
Yes
No
Yes
3.3
EPCQ32
33,554,432
No
Yes
No
Yes
3.3
EPCQ64
67,108,864
No
Yes
No
Yes
3.3
EPCQ128
134,217,728
No
Yes
No
Yes
3.3
EPCQ256
268,435,456
No
Yes
No
Yes
3.3
EPCQ512/A (1)
536,870,912
No
Yes
No
Yes
3.3
Related Information
•
PDN1708
Product discontinuance notification.
•
PDN1802
Product discontinuance notification.
•
AN822: Intel Configuration Device Migration Guideline
Provides more information about migrating EPCQ to EPCQ-A devices.
•
Quad-Serial Configuration (EPCQ-A) Devices Datasheet
(1) EPCQ512/A is shown in the Intel Quartus® Prime software as EPCQ512.
CF52012 | 2018.06.01
Intel Corporation. All rights reserved. Intel, the Intel logo, Altera, Arria, Cyclone, Enpirion, MAX, Nios, Quartus
and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other
countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2008
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com