Electronic Components Datasheet Search
  English  ▼

X  

EPCQ64 Datasheet(PDF) 40 Page - Intel Corporation

Part # EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Datasheet(HTML) 40 Page - Intel Corporation

Back Button EPCQ64 Datasheet HTML 36Page - Intel Corporation EPCQ64 Datasheet HTML 37Page - Intel Corporation EPCQ64 Datasheet HTML 38Page - Intel Corporation EPCQ64 Datasheet HTML 39Page - Intel Corporation EPCQ64 Datasheet HTML 40Page - Intel Corporation EPCQ64 Datasheet HTML 41Page - Intel Corporation EPCQ64 Datasheet HTML 42Page - Intel Corporation EPCQ64 Datasheet HTML 43Page - Intel Corporation EPCQ64 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
•
Memory Array Organization on page 7
1.8. Power Mode
EPCQ devices support active and standby power modes. When the nCS signal is low,
the device is enabled and is in active power mode. The FPGA is configured while the
EPCQ device is in active power mode. When the nCS signal is high, the device is
disabled but remains in active power mode until all internal cycles are completed, such
as write or erase operations. The EPCQ device then goes into standby power mode.
The ICC1 and ICC0 parameters list the VCC supply current when the device is in active
and standby power modes.
1.9. Timing Information
Note:
The values in the following tables are finalized for EPCQ16, EPCQ32, EPCQ64,
EPCQ128, EPCQ256, and EPCQ512/A devices.
Related Information
Summary of Operation Codes on page 29
1.9.1. Write Operation Timing
Figure 22.
Write Operation Timing Diagram
DATA0
nCS
DCLK
DATA
tNCSH
tNCSSU
tDSU
tDH
tCL
tCH
tCSH
Bitn
Bitn- 1
Bit 0
High Impedance
Table 33.
Write Operation Parameters
Symbol
Parameter
Min
Typical
Max
Unit
fWCLK
Write clock frequency (from the FPGA,
download cable, or embedded processor) for
write enable, write disable, read status, read
device identification, write bytes, erase bulk,
and erase sector operations for all devices
except EPCQ512/A
—
—
108
MHz
Write clock frequency (from the FPGA,
download cable, or embedded processor) for
write enable, write disable, read status, read
device identification, write bytes, erase bulk,
and erase sector operations for EPCQ512/A
—
—
133
MHz
tCH (19)
DCLK
high time for all devices except
EPCQ512/A
4
—
—
ns
continued...
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com