Electronic Components Datasheet Search
  English  ▼

X  

EPCQ64 Datasheet(PDF) 42 Page - Intel Corporation

Part # EPCQ64
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ64 Datasheet(HTML) 42 Page - Intel Corporation

Back Button EPCQ64 Datasheet HTML 38Page - Intel Corporation EPCQ64 Datasheet HTML 39Page - Intel Corporation EPCQ64 Datasheet HTML 40Page - Intel Corporation EPCQ64 Datasheet HTML 41Page - Intel Corporation EPCQ64 Datasheet HTML 42Page - Intel Corporation EPCQ64 Datasheet HTML 43Page - Intel Corporation EPCQ64 Datasheet HTML 44Page - Intel Corporation EPCQ64 Datasheet HTML 45Page - Intel Corporation EPCQ64 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
1.9.2. Read Operation Timing
Figure 23.
Read Operation Timing Diagram
DATA0
nCS
DCLK
DATA
tnCLK2D
Add_Bit 0
BitN
BitN - 1
Bit 0
tCH
tCL
tODIS
Table 34.
Read Operation Parameters
Symbol
Parameter
Min
Max
Unit
fRCLK
Read clock frequency (from the FPGA or embedded
processor) for read bytes operations
—
50
MHz
Fast read clock frequency (from the FPGA or
embedded processor) for fast read bytes operation
—
100
MHz
tCH
DCLK
high time
4
—
ns
tCL
DCLK
low time
4
—
ns
tODIS
Output disable time after read
—
8
ns
tnCLK2D
Clock falling edge to DATA
—
7
ns
1.10. Programming and Configuration File Support
The Intel Quartus Prime software provides programming support for EPCQ devices.
When you select an EPCQ device, the Intel Quartus Prime software automatically
generates the Programmer Object File (.pof) to program the device. The software
allows you to select the appropriate EPCQ device density that most efficiently stores
the configuration data for the selected FPGA.
You can program the EPCQ device in-system by an external microprocessor using the
SRunner software driver. The SRunner software driver is developed for embedded
EPCQ device programming that you can customize to fit in different embedded
systems. The SRunner software driver reads .rpd files and writes to the EPCQ devices.
The programming time is comparable to the Intel Quartus Prime software
programming time. Because the FPGA reads the LSB of the .rpd data first during the
configuration process, the LSB of .rpd bytes must be shifted out first during the read
bytes operation and shifted in first during the write bytes operation.
Writing and reading the .rpd file to and from the EPCQ device is different from the
other data and address bytes.
During the ISP of an EPCQ device using the Intel FPGA Download CableIntel FPGA
Download Cable II, Intel FPGA Ethernet Cable, the cable pulls the nCONFIG signal low
to reset the FPGA and overrides the 10-kΩ pull-down resistor on the nCE pin of the
FPGA. The download cable then uses the interface pins depending on the selected AS
mode to program the EPCQ device. When programming is complete, the download
cable releases the interface pins of the EPCQ device and the nCE pin of the FPGA and
pulses the nCONFIG signal to start the configuration process.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com