Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 5Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 6Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 7Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 8Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 9Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Bosch Sensortec | BMI088 Data sheet
9 |
50
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-14
Revision_1.4_092018
1.2 Accelerometer Specifications
Table 4: Accelerometer specifications
Parameter
Symbol
Condition
Min
Typ
Max
Units
Acceleration Range
gFS3g
Selectable
via serial digital interface
±3
g
gFS6g
±6
g
gFS12g
±12
g
gFS24g
±24
g
Sensitivity
S3g
gFS3g, TA=25°C
10920
LSB/g
S6g
gFS6g, TA=25°C
5460
LSB/g
S12g
gFS12g, TA=25°C
2730
LSB/g
S24g
gFS24g, TA=25°C
1365
LSB/g
Sensitivity
Temperature Drift
TCS
0.002
%/K
Zero-g Offset
Off
Nominal VDD and VDDIO,
25°C, gFS6g
20
mg
Zero-g Offset
Temperature Drift
TCO
<0.2
mg/K
Output Data Rate
ODR
12.5
1600
Hz
Bandwidth range
BW
3dB cut-off frequency of
the accelerometer
depends on ODR and
OSR
5
280
(245 for
Z axis)
Hz
Nonlinearity
NL
best fit straight line, gFS3g
0.5
%FS
Output Noise
Density
nrms
gFS3g, TA=25°C
Nominal VDD supplies
Normal mode
190
(Z-axis)
160
(X- & Y-
axis)
µg/√Hz
Cross Axis
Sensitivity
S
relative contribution
between any two of the
three axes
0.5
%
Alignment Error
EA
relative to package outline
0.5
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com