Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 9Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 10Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 11Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 12Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 13Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 14Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 15Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 16Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Bosch Sensortec | BMI088 Data sheet
13 |
50
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-14
Revision_1.4_092018
2. Block Diagram
Figure 1 shows the basic building blocks of the BMI088:
Figure 1: Block diagram of BMI088
3. Quick Start Guide – Device Initialization
For a proper device initialization, the following steps should be considered:
•
The user must decide on the interface (I2C or SPI) already during HW design: with the PS pin
the user determines which interface the sensor should listen to (see chapter 6).
•
The gyroscope part of the BMI088 initializes its I/O pins according to the selection given by the
PS pin.
•
The accelerometer part starts in I2C mode. It will stay in I2C mode until it detects a rising edge
on the CSB1 pin (chip select of the accelerometer), on which the accelerometer part switches
to SPI mode and stays in this mode until the next power-up-reset.
•
To change the accelerometer to SPI mode in the initialization phase, the user could perform a
dummy SPI read operation, e.g. of register ACC_CHIP_ID (the obtained value will be invalid).
After the POR the gyroscope is in normal mode, while the accelerometer is in suspend mode. To switch
the accelerometer into normal mode, the user must perform the following steps:
a. Power up the sensor
b. Wait 1 ms
c. Enter normal mode by writing ‘4’ to ACC_PWR_CTRL
d. Wait for 50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com