Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 30Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 31Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 32Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 33Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 34Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 35Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 36Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 37Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Bosch Sensortec | BMI088 Data sheet
34 |
50
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-14
Revision_1.4_092018
In order to allow for the correct internal synchronisation of data written to the BMI088, a wait time of at
least 2 µs (normal mode) or 1000 µs (suspend mode) must be followed.
6.1 Serial Peripheral Interface (SPI)
The behavior of the SPI interface is slightly different between gyroscope part and accelerometer part:
•
Initialization phase: as described in chapter 3, the interface of the gyroscope part is selected by
the level of the PS pin. In contrast to this, the accelerometer part starts always in I2C mode
(regardless of the level of the PS pin) and needs to be changed to SPI mode actively by sending
a rising edge on the CSB1 pin (chip select of the accelerometer), on which the accelerometer
part switches to SPI mode and stays in this mode until the next power-up-reset.
To change the sensor to SPI mode in the initialization phase, the user could perfom a dummy
SPI read operation, e.g. of register ACC_CHIP_ID (the obtained value will be invalid).
•
In case of read operations, the SPI interface of the accelerometer part does not send the
requested information directly after the master has send the corresponding register address,
but sends a dummy byte first, whose content is not predictable. Only after this dummy byte the
desired content is sent. (This dummy byte procedure does not apply to the gyroscope part.)
Please find more details below in section 6.1.2.
The timing specification for SPI of the BMI088 is given in the following table:
Table 12: SPI timing
Parameter
Symbol
Condition
Min
Max
Units
Clock Frequency
fSPI
Max. Load on SDI or SDO =
25pF
10
MHz
SCK Low Pulse
tSCKL
45
ns
SCK High Pulse
tSCKH
45
ns
SDI Setup Time
tSDI_setup
20
ns
SDI Hold Time
tSDI_hold
20
ns
SDO Output Delay
tSDO_OD
Load = 25pF
30
ns
Load = 250pF,
VDDIO > 2.4V
40
ns
CSB Setup Time
tCSB_setup
40
ns
CSB Hold Time
tCSB_hold
40
ns
Idle time between write
accesses
tIDLE_wacc
normal mode
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com