Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 40Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 41Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 42Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 43Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 44Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 45Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 46Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 47Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Bosch Sensortec | BMI088 Data sheet
44 |
50
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-14
Revision_1.4_092018
8.2 Sensing axes orientation
If the sensor is accelerated and/or rotated in the indicated directions, the corresponding channels of the
device will deliver a positive acceleration and/or yaw rate signal (dynamic acceleration). If the sensor is
at rest without any rotation and the force of gravity is acting contrary to the indicated directions, the
output of the corresponding acceleration channel will be positive and the corresponding gyroscope
channel will be “zero” (static acceleration).
Example: If the sensor is at rest or at uniform motion in a gravity field according to the figure given below,
the output signals are:
•
0g for the X ACC channel
and
0°/sec for the ΩX GYR channel
•
0g for the Y ACC channel
and
0°/sec for the ΩY GYR channel
•
+ 1g for the Z ACC channel
and
0°/sec for the ΩZ GYR channel
Figure 11: Orientation of sensing axis
The following table lists all corresponding output signals on X, Y, Z while the sensor is at rest or at
uniform motion in a gravity field under assumption of a top down gravity vector as shown above.
The gyroscope signals ΩX, ΩY, ΩZ show 0dps output under these static conditions.
Table 15: Output signals depending on device orientation
Sensor orientation
(gravity vector )
Output Signal X
0g
+1g
0g
-1g
0g
0g
Output Signal Y
-1g
0g
+1g
0g
0g
0g
Output Signal Z
0g
0g
0g
0g
+1g
-1g
upright
o
force
of gravity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com