Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI088 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMI088 Datasheet HTML 20Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 21Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 22Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 23Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 24Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 25Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 26Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 27Page - Bosch Sensortec GmbH BMI088 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Bosch Sensortec | BMI088 Data sheet
24 |
50
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-14
Revision_1.4_092018
5.3.9
Register 0x41: ACC_RANGE
Accelerometer range setting register.
Bit
Name
Access
Reset
value
Description
[7:2]
reserved
[1:0]
acc_range
RW
0x01
This parameter sets the measurement range.
Possible values:
acc_range
Range setting
0x00
±3g
0x01
±6g
0x02
±12g
0x03
±24g
5.3.10
Register 0x53: INT1_IO_CONF
Configures the input/output pin INT1.
Bit
Name
Access
Reset
value
Description
[7:5]
reserved
[4]
int1_in
RW
0x00
Enable INT1 as input pin.
[3]
int1_out
RW
0x00
Enable INT1 as output pin.
[2]
int1_od
RW
0x00
int1_od
Pin behavior
0x00
Push-pull
0x01
Open-drain
[1]
int1_lvl
RW
0x00
int1_lvl
Active state
0x00
Active low
0x01
Active high
[0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com