Electronic Components Datasheet Search
  English  ▼

X  

LD7516CGL Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7516CGL Datasheet HTML 5Page - Leadtrend Technology LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology LD7516CGL Datasheet HTML 10Page - Leadtrend Technology LD7516CGL Datasheet HTML 11Page - Leadtrend Technology LD7516CGL Datasheet HTML 12Page - Leadtrend Technology LD7516CGL Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LD7516C
08/31/2016
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Principle of CV Operation
In the DCM flyback converter, it can sense the output
voltage from auxiliary winding. LD7516C samples the
auxiliary winding on the primary-side to regulate the
output voltage, as shown in the Fig. 13. The voltage
induced in the auxiliary winding is a reflection of the
secondary winding voltage while the MOS is in off state.
Via a resistor divider connected between the auxiliary
winding and FB pin, the auxiliary voltage is sampled after
the sample delay time which is defined as 30~50% of
secondary current discharge time from previous cycle.
And will be hold until the next sampling period. The
sampled voltage is compared with an internal reference
VREF (1.0V) and the error will be amplified. The error
amplifier output COMP reflects the load condition and
controls the duty cycle to regulate the output voltage, thus
constant output voltage can be achieved. The output
voltage is given as:
F
OUT
V
Na
Ns
Rb
Ra
V
V
)
)(
1
(
0
.
1
Where VF indicates the drop voltage of the output diode,
Ra and Rb are top and bottom feedback resistor value, Ns
and Na are the turns of transformer secondary and
auxiliary.
In case that the output voltage is sensed through the
auxiliary winding; the leakage inductance will induce
ringing to affect output regulation. To optimize the
collector voltage clamp circuit will minimize the high
frequency ringing and achieve the best regulation. Fig. 14
shows the desired collector voltage waveform in compare
to those with large undershoot due to leakage inductance
induced ring (Fig. 15). The ringing may make the sample
error and cause poor performance for output voltage
regulation. A proper selection for resistor RS, in series
with the clamp diode, may reduce any large undershoot,
as shown in Fig. 16.
OUT
CS
COMP
FB
Na
Ns
Np
Ra
Rb
VIN
S/H
VREF
+
-
Driver
LD7516C
Fig. 13
VDS
The overshoot
here is minor
Fig.14
VDS
The undershoot would
make the sample error.
Fig.15
OUT
CS
COMP
FB
Na
Ns
Np
Ra
Rb
VIN
LD7516C
RS
Fig.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com