Electronic Components Datasheet Search
  English  ▼

X  

LD7516CGL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology LD7516CGL Datasheet HTML 10Page - Leadtrend Technology LD7516CGL Datasheet HTML 11Page - Leadtrend Technology LD7516CGL Datasheet HTML 12Page - Leadtrend Technology LD7516CGL Datasheet HTML 13Page - Leadtrend Technology LD7516CGL Datasheet HTML 14Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LD7516C
08/31/2016
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Load Regulation Compensation
LD7516C
is
implemented
with
load
regulation
compensation to compensate the cable voltage drop and
to achieve a better voltage regulation. The offset voltage
across FB is produced by the internal sink current source
during the sampling period. The internal sink current
source
is
proportional
to
the
value
of
VCOMP to
compensate the cable loss as shown in Fig. 17. So, the
offset voltage will decrease as the VCOMP decreases from
full-load to no-load.
It is programmable by adjusting the
resistance of the voltage divider to compensate the drop
for cable lines used in various conditions. The equation of
internal sink current is shown as:
A)
(
75
.
9
0.45)
(V
I
COMP
Load_COMP
The compensation current versus VCOMP is shown as:
VCOMP (V)
0
2.5
0.45
20
ILoad_COMP(mA
)
Fig. 17
Quasi-Resonant Mode Detection
The LD7516C employs quasi-resonant (QR) switching
scheme to switch in valley-mode either in CV or CC
operation. This will greatly reduce the switching loss and
the ratio dv/dt in the entire operating range for the power
supply. Fig. 18 shows the typical QR detection block. The
QR detection block will detect auxiliary winding signal to
drive MOS as FB pin voltage drops to 0.15V. The QR
comparator will not activate if FB pin voltage remains
above 0.2V.
FB
PWM
2R
R
R
S
Q
Error
Amplifier
Load
Compensation
Max. Frequency &
Green Mode
CS
1V
Leading
Edge
Blanking
0.15/0.2 V
QRD
GM
1.0V
Sample
and Hold
QRD
Blanking Time
Time-Out 1
Buffer
QRD
VCOMP
Time-Out 2
S/H
C.C.
FB
Turn-on
Turn-off
Ra
Rb
Naux
Fig. 18
Multi-Mode Operation
The LD7516C is a QR controller operating in multi-modes.
The controller changes operation modes according to line
voltage and load conditions. At heavy-load (VCOMP>1.6V,
Fig. 19), there might be two situations to meet. If the
system AC input is in low line, the LD7516C will turn on in
first valley. If in high line, the switching frequency will
increase till over the limit of 75 kHz and skip the first valley
to turn on in 2
nd, 3rd….valley. The switching frequency
would vary depending on the line voltage and the load
conditions when the system is operated in QR mode.
At medium or light load conditions (0.7V<VCOMP<1.2V),
the frequency clamp is reduced to 25 kHz maximum.
However, the characteristic in valley switching behaves
well without problem in this condition. The LD7516C will
turn on in 4
th, 5th…. valley. That is, when the load
decreases, the system will automatically skip some
valleys and the switching frequency is therefore reduced.
A smooth frequency fold-back and high power efficiency
are then achieved.
At zero load or very light load conditions (VCOMP<0.3V),
the system operates in minimum frequency for power
saving. The system modulates the frequency according to
the load and VCOMP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com