Electronic Components Datasheet Search
  English  ▼

X  

LD7516CGL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology LD7516CGL Datasheet HTML 10Page - Leadtrend Technology LD7516CGL Datasheet HTML 11Page - Leadtrend Technology LD7516CGL Datasheet HTML 12Page - Leadtrend Technology LD7516CGL Datasheet HTML 13Page - Leadtrend Technology LD7516CGL Datasheet HTML 14Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LD7516C
08/31/2016
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Out
iP
iS
iP,PK
iS,PK
TON
TDIS
TS
Fig. 21
OVP (Over Voltage Protection) on Vcc
–
Auto Recovery
LD7516C is implemented with OVP function through Vcc.
As the Vcc voltage rises over the OVP threshold voltage,
the output drive circuit will be shut off simultaneously thus
to stop the switching of the power MOS until the next
UVLO(on) arrives. The Vcc OVP function of LD7516C is
an auto-recovery type protection. The Fig. 22 shows its
operation. That is, if the OVP condition is removed, it will
resume to normal output voltage and Vcc level in normal
condition.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 22
FB Under Voltage Protection (FB UVP) &
FB Short Circuit Protection
– Auto Recovery
LD7516C is implemented with an UVP function over FB
pin. If the FB voltage falls below UVP level over the delay
time, the protection will be activated to stop the switching
of the power MOS until the next UVLO(on) arrives. The
FB UVP function in LD7516C is an auto-recovery type
protection. The Fig. 23 shows its operation. During the
soft start period, the FB UVP is disabled. To avoid output
over voltage in soft start period. The Fig. 24 shows the
operation. While FB is short to GND, FB pin keeps in zero
voltage level. If FB cannot detect any voltage signal over
0.15V in the beginning of soft start period, then the soft
start will turn to generate a driving signal every 4ms until
FB UVP delay to shut down IC and auto recovery.
FB
UVP Level
t
FB UVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Vcc
t
FB UVP
Delay Time
UVLO(on)
UVLO(off)
Soft Start
+
FB UVP
Delay Time
Fig. 23
FB
FB Short
Level
t
FB Short
t
CS
Non-
Switching
Vcc
t
UVLO(on)
UVLO(off)
Soft Start
+
FB UVP
Delay Time
OUT
t
Fig. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com