Electronic Components Datasheet Search
  English  ▼

X  

LD7516CGL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology LD7516CGL Datasheet HTML 10Page - Leadtrend Technology LD7516CGL Datasheet HTML 11Page - Leadtrend Technology LD7516CGL Datasheet HTML 12Page - Leadtrend Technology LD7516CGL Datasheet HTML 13Page - Leadtrend Technology LD7516CGL Datasheet HTML 14Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LD7516C
08/31/2016
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Quasi
Resonant
(First Valley)
Discontinuous with
valley switching
(2nd,3rd ,4th ... Valley)
25kHz
0.7kHz
75kHz
Vcomp
fs
Green
Mode
1.2V
0.7V
0.3V
1.6V
Fig. 19
Current
Sensing
and
Leading-edge
Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the control
loop and achieve regulation. As shown in Fig. 20, the
LD7516C detects the primary MOS current from the CS
pin, which is not only for the peak current mode control
but also for the pulse-by-pulse current limit. The maximum
voltage threshold of the current sensing pin is set at 0.8V.
From above, the MOS peak current can be obtained from
below.
S
PEAK(MAX)
R
0.8V
I
A leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the
turn-on current spike.
LD7516C delivers more constant current at high input
voltage than at low input voltage. To compensate it, an
offset voltage is added to the RS signal by an internal
current source (ICC) and an external resistor (R1) in series
between the sense resistor (Rs) and the CS pin, By
selecting a proper value of the resistor in series with the
CS pin, the amount of compensation can be adjusted. The
value
of
ICC
(300 μ A)
depends
on
the
COMP
voltage(VCOMP>1.2V). The equation of ICC (300 μA) is
decreased as:
OUT
CS
COMP
FB
Na
Ns
Np
Ra
Rb
VIN
LD7516C
LEB time
R1
RS
VCS
VS
Fig. 20
Principle of C.C. Operation
The primary side control scheme is applied to eliminate
secondary feedback circuit or opto-coupler, which will
reduce the system cost. The switching waveforms are
shown in Fig. 21. The output current
“Io” can be
expressed as:
S
DIS
CS
CS
S
P
DIS
PK
P,
S
P
S
DIS
PK
S,
T
T
R
V
N
N
2
1
Ts
T
i
N
N
2
1
T
T
i
2
1
Io
The
primary
peak
current
(iP,PK),
inductor
current
discharge time (TDIS) and switching period (TS) can be
detected by the IC. The ratio of VCS*TDIS/TS will be
modulated as a constant (VCS*TDIS/TS =1/3). So that IO can
be obtained as
3
1
R
1
N
N
2
1
T
T
R
V
N
N
2
1
Io
S
S
P
S
DIS
S
CS
S
P
However this is an approximate equation. The user may
fine-tune it according to the experiment result.
)
300
(
1
R
A
V
V
S
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com