Electronic Components Datasheet Search
  English  ▼

X  

LD7516CGL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7516CGL
Description  Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7516CGL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7516CGL Datasheet HTML 1Page - Leadtrend Technology LD7516CGL Datasheet HTML 2Page - Leadtrend Technology LD7516CGL Datasheet HTML 3Page - Leadtrend Technology LD7516CGL Datasheet HTML 4Page - Leadtrend Technology LD7516CGL Datasheet HTML 5Page - Leadtrend Technology LD7516CGL Datasheet HTML 6Page - Leadtrend Technology LD7516CGL Datasheet HTML 7Page - Leadtrend Technology LD7516CGL Datasheet HTML 8Page - Leadtrend Technology LD7516CGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LD7516C
08/31/2016
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7516C-DS-01 August 2016
Primary Side Quasi-Resonant Controller
Operating in CV/CC Mode
REV. 01
General Description
The LD7516C is an excellent primary side feedback MOS
controller with CV/CC operation, integrated with several
functions of protections. It minimizes the component
counts and is available in a tiny SOT-26 package. Those
make it an ideal design for low cost applications.
It
provides
functions
of
ultra-low
startup
current,
green-mode power-saving operation and leading-edge
blanking of the current sensing. Also, the LD7516C
features Internal OTP (Over Temperature Protection) and
OVP (Over Voltage Protection) to prevent the circuit from
being damaged due to abnormal conditions.
In most cases, the power supply with primary-side
feedback controller would accompany with some serious
load regulation effect. To deal with this problem, the
LD7516C
consists
of
dedicated
load
regulation
compensation circuit to enhance its performance.
Features
Primary-Side Feedback Control with Quasi-Resonant
Operation
120mA/-200mA unbalanced MOS driving capability
Constant Voltage within
5%
Built-In Adjustable Load Regulation Compensation
Constant Current Control
Ultra-Low Startup Current (<1.5
A)
0.65mA Low Operating Current at Light Load
75 kHz Maximum Switching Frequency.
Current Mode Control
Green Mode Control Improve Efficiency
LEB (Leading-Edge Blanking) on CS Pin
Built-in Soft Start
VCC OVP (Over Voltage Protection)
FB Pin Open/Short Protection
Internal OTP (Over Temperature Protection)
Applications
Mobile Phone Adapter
Lower Power AC/DC Adapter
Typical Application
VCC
AC
Input
DC
Output
EMI
Filter
OUT
CS
COMP
LD7516C
GND
FB


Similar Part No. - LD7516CGL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7513AGL LEADTREND-LD7513AGL Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515LGL LEADTREND-LD7515LGL Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
More results

Similar Description - LD7516CGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
Primary-Side-Control CC/CV Controller
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
logo
Leadtrend Technology
LD5718AC LEADTREND-LD5718AC Datasheet
713Kb / 16P
Primary-Side Quasi-Resonant Controller,Operating in CV/CC Mode
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com