Electronic Components Datasheet Search
  English  ▼

X  

VT1620A Datasheet(PDF) 21 Page - VIA Technologies, Inc.

Part # VT1620A
Description  VinylUSB USB2.0 FS Audio Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT1620A Datasheet(HTML) 21 Page - VIA Technologies, Inc.

Back Button VT1620A Datasheet HTML 17Page - VIA Technologies, Inc. VT1620A Datasheet HTML 18Page - VIA Technologies, Inc. VT1620A Datasheet HTML 19Page - VIA Technologies, Inc. VT1620A Datasheet HTML 20Page - VIA Technologies, Inc. VT1620A Datasheet HTML 21Page - VIA Technologies, Inc. VT1620A Datasheet HTML 22Page - VIA Technologies, Inc. VT1620A Datasheet HTML 23Page - VIA Technologies, Inc. VT1620A Datasheet HTML 24Page - VIA Technologies, Inc. VT1620A Datasheet HTML 25Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
VT1620A VinylUSB USB2.0 FS Audio Codec
17
8 Clock and Crystal Networks
8.1 External Clock Source or Crystal Networks
The VT1620A needs one external clock source or crystal networks:
A 6-MHz clock (or crystal network) provides the fundamental input clock source for the VT1620A.
A PLL_48M module takes this 6-MHz clock input, and generates a 48-MHz clock output which is the
root of all VT1620A clocks. In this PLL_48M module, an Oscillator and a PLL are integrated together.
There are two PLLs (PLL24576 and PLL112896) in the system that utilizes the 24-MHz clock source.
They use the 48-MHz clock output from PLL_48M divided by 2. The purpose of these two PLLs is to
provide clock source for the VT1620A Codec related circuitry to generate accurate clocks for all
kinds of popular Audio sample rates.
PLL24576 generates the 245.76-MHz clock output, base on this clock, the bit clock and 128-fs over
sampling clock can be generated for 16-kHz, 48-kHz, 96-kHz, 192-kHz sample rate audio
recording.
PLL112896 generates the 112.896-MHz clock output; base on this clock, the bit clock and 128-fs
over sampling clock can be generated for the 44.1-kHz sample rate audio recording.
All the clocks for the rest functional blocks are generated from the 48-MHz clock.
The VT1620A can also take the 24.576-MHz and 11.2896-MHz clock directly from the external
source. However, this is the backup solution in case there is any problem to generate these two
clocks internally.
The Strapping Option Bit [3] determines whether the source of the 6-MHz input clock is supplied by an
external clock source or by an external crystal network.
When the Strapping Option value is a one, then an external 6-MHz clock source should drive the XI signal
pin of the VT1620A, while the XO signal pin of the VT1620A should be left as No Connection. In such case,
the built-in OSC in PLL_48M module will be bypassed and stopped.
When the Strapping Option value is a zero, then the following external 6-MHz crystal network is
recommended to provide the 6-MHz clock source for the VT1620A:
Figure 9 – VT1620A Clock and Crystal Networks
VT1620A
Crystal
C2
C1
C1: 12 pF
C2: 12 pF
Crystal: 6 MHz
PLL_48M
XO
XI
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com