Electronic Components Datasheet Search
  English  ▼

X  

VT1620A Datasheet(PDF) 13 Page - VIA Technologies, Inc.

Part # VT1620A
Description  VinylUSB USB2.0 FS Audio Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT1620A Datasheet(HTML) 13 Page - VIA Technologies, Inc.

Back Button VT1620A Datasheet HTML 9Page - VIA Technologies, Inc. VT1620A Datasheet HTML 10Page - VIA Technologies, Inc. VT1620A Datasheet HTML 11Page - VIA Technologies, Inc. VT1620A Datasheet HTML 12Page - VIA Technologies, Inc. VT1620A Datasheet HTML 13Page - VIA Technologies, Inc. VT1620A Datasheet HTML 14Page - VIA Technologies, Inc. VT1620A Datasheet HTML 15Page - VIA Technologies, Inc. VT1620A Datasheet HTML 16Page - VIA Technologies, Inc. VT1620A Datasheet HTML 17Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
VT1620A VinylUSB USB2.0 FS Audio Codec
9
7 Audio Capabilities
7.1 Multiple Audio Configuration Support
VT1620A integrates two channel audio ADC and two channel audio DAC. VT1620A supports various audio
sample rates. Table 5 shows the settings of CONFIG [2:0] that allows VT1620A to be configured for
applications of different product categories. Table 6 shows the detailed configuration options of VT1620A.
Table 5 – Settings of CONFIG [2:0] for VT1620A
Configuration
CONFIG2
CONFIG1
CONFIG0
USB Dongle
0
0
0
USB Headset
0
0
1
USB Speaker
0
1
0
USB Microphone
0
1
1
USB MicArray
1
0
0
Note:
USB Dongle is the default configuration. For the values not included in the above table, i.e. 101, 110,
and 111, VT1620 will be configured as USB Dongle.
Table 6 – VT1620A Configuration Options
USB Dongle
2-In/2-Out
USB Headset
1-In/2-Out
USB Speaker
2-Out
USB Mic
2-In
USB
Mic-Array
2-In/2-Out
SPDIF
●
N/A
N/A
N/A
N/A
Channel
Stereo
Stereo
Stereo
N/A
Stereo
Playback
Sample
Rate/
Bit
Width
44.1/48k 16 bit
44.1/48k 24 bit
96k 16 bit
96k 24 bit
192k 16 bit
44.1/48k 16 bit
44.1/48k 24 bit
96k 16 bit
96k 24 bit
192k 16 bit
44.1/48k 16 bit
44.1/48k 24 bit
96k 16 bit
96k 24 bit
192k 16 bit
N/A
44.1/48k
16 bit
Channel
Stereo
Mono
N/A
Stereo
Stereo
Record
Sample
Rate/
Bit
Width
44.1/48k 16 bit
44.1/48k 24 bit
96k 16 bit
96k 24 bit
44.1/48k 16 bit
44.1/48k 24 bit
96k 16 bit
96k 24 bit
N/A
44.1k/48k
16 bit
44.1k/48k
16 bit
A-A Path
●
●
N/A
N/A
N/A
Mic-Array
N/A
N/A
N/A
N/A
●
HID
●
●
●
N/A
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com