Electronic Components Datasheet Search
  English  ▼

X  

VT1620A Datasheet(PDF) 12 Page - VIA Technologies, Inc.

Part # VT1620A
Description  VinylUSB USB2.0 FS Audio Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT1620A Datasheet(HTML) 12 Page - VIA Technologies, Inc.

Back Button VT1620A Datasheet HTML 8Page - VIA Technologies, Inc. VT1620A Datasheet HTML 9Page - VIA Technologies, Inc. VT1620A Datasheet HTML 10Page - VIA Technologies, Inc. VT1620A Datasheet HTML 11Page - VIA Technologies, Inc. VT1620A Datasheet HTML 12Page - VIA Technologies, Inc. VT1620A Datasheet HTML 13Page - VIA Technologies, Inc. VT1620A Datasheet HTML 14Page - VIA Technologies, Inc. VT1620A Datasheet HTML 15Page - VIA Technologies, Inc. VT1620A Datasheet HTML 16Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
VT1620A VinylUSB USB2.0 FS Audio Codec
8
6.4 Configuration Registers and Data Memory
Please refer to the following
1
Table 4 for the memory map of Configuration Registers and Data Memory.
Table 4 – Memory Map of Configuration Registers and Data Memory
Byte Address Range
On-chip
Off-chip
Size in bytes
Data Access
0x0000 – 0x00FF
System Configuration
--
256
8 bits R/W
0x0100 – 0x01FF
Interrupt Controller
--
256
8 bits R/W
0x0200 – 0x02FF
USB Controller
--
256
8 bits R/W
0x0300 – 0x03FF
Serial Flash Controller
--
256
8 bits R/W
0x0400 – 0x04FF
Endpoint Data Buffer
Controller
--
256
8 bits R/W
0x0500 – 0x05FF
I2S Audio Controller
--
256
8 bits R/W
0x0600 – 0x06FF
I2C Controller
--
256
8 bits R/W
0x0700 – 0x07FF
SPDIF Register Set
--
256
8 bits R/W
0x0800 – 0x09FF
RESERVED
RESERVED
512
8 bits R/W
0x0A00 – 0x0AFF
CODEC Register Set
--
256
8 bits R/W
0x0B00 – 0x0DFF
RESERVED
RESERVED
768
8 bits R/W
0x0E00 – 0x0EFF
GPIO Controller
--
256
8 bits R/W
0x0F00 – 0x0FFF
RESERVED
RESERVED
256
8 bits R/W
0x1000 – 0x10FF
UGM
--
256
8 bits R/W
0x1100 – 0x3FFF
RESERVED
RESERVED
8K
8 bits R/W
0x4000 – 0x47FF
EP1 Buffer
--
2k
8 bits R/W
0x4800 – 0x4FFF
EP2 Buffer
--
2k
8 bits R/W
0x5000 – 0xFFFF
RESERVED
RESERVED
44K
8 bits R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com