Electronic Components Datasheet Search
  English  ▼

X  

VT1620A Datasheet(PDF) 8 Page - VIA Technologies, Inc.

Part # VT1620A
Description  VinylUSB USB2.0 FS Audio Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT1620A Datasheet(HTML) 8 Page - VIA Technologies, Inc.

Back Button VT1620A Datasheet HTML 4Page - VIA Technologies, Inc. VT1620A Datasheet HTML 5Page - VIA Technologies, Inc. VT1620A Datasheet HTML 6Page - VIA Technologies, Inc. VT1620A Datasheet HTML 7Page - VIA Technologies, Inc. VT1620A Datasheet HTML 8Page - VIA Technologies, Inc. VT1620A Datasheet HTML 9Page - VIA Technologies, Inc. VT1620A Datasheet HTML 10Page - VIA Technologies, Inc. VT1620A Datasheet HTML 11Page - VIA Technologies, Inc. VT1620A Datasheet HTML 12Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
VT1620A VinylUSB USB2.0 FS Audio Codec
4
4 Pin List
Table 1 – VT1620A Pin List
Pin I/O Pin Name
Pin I/O Pin Name
Pin I/O Pin Name
Pin I/O Pin Name
1
A
MICBIAS
13 O
SFCLK
25 A
XI
37 A
HP_COM
2
A
MICIN2
14 O
SFCS
26 A
XO
38 A
LINEOR
3
A
MICIN1
15 B
CONFIG2
27 B
MUTELED
39 A
LINEOL
4
A
PDRGL20
16 B
GPIO5
28 B
SPDIFO/BUZZ 40 P
HPGND
5
P
DVDD33
17 B
GPIO4
29 I
TESTMODE
41 P
HPVDD
6
P
DVDD50
18 B
GPIO3
30 B
FSEL1
42 P
AVDD50
7
P
DVSS
19 B
GPIO2
31 B
MUTEPLY
43 P
AGND
8
P
DVDD20
20 B
GPIO1
32 B
FSEL0
44 A
PDRGL33
9
A
DP
21 B
VOLUP
33 B
I2CSCL_S
45 P
AVDD
10 A
DM
22 B
VOLDN
34 B
I2CSDA_S
46 P
AVSS
11 I
SFDI
23 B
MUTEREC
35 B
CONFIG1
47 A
VREF
12 O
SFDO
24 B
BUSYLED
36 B
CONFIG0
48 A
VMID
Note:
I = Input;
O = Output
A = Analog
B = Bi-directional
P = Power / Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com