Electronic Components Datasheet Search
  English  ▼

X  

VT1620A Datasheet(PDF) 11 Page - VIA Technologies, Inc.

Part # VT1620A
Description  VinylUSB USB2.0 FS Audio Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT1620A Datasheet(HTML) 11 Page - VIA Technologies, Inc.

Back Button VT1620A Datasheet HTML 7Page - VIA Technologies, Inc. VT1620A Datasheet HTML 8Page - VIA Technologies, Inc. VT1620A Datasheet HTML 9Page - VIA Technologies, Inc. VT1620A Datasheet HTML 10Page - VIA Technologies, Inc. VT1620A Datasheet HTML 11Page - VIA Technologies, Inc. VT1620A Datasheet HTML 12Page - VIA Technologies, Inc. VT1620A Datasheet HTML 13Page - VIA Technologies, Inc. VT1620A Datasheet HTML 14Page - VIA Technologies, Inc. VT1620A Datasheet HTML 15Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
VT1620A VinylUSB USB2.0 FS Audio Codec
7
6 Memory Map
The 8051 family’s memory is organized in a Harvard structure, which means the program memory and
data memory are located in the separate address spaces. The 16 address lines can access up to 64k byte
space.
6.1 Program Memory Space
Since the 8032 core embedded in VT1620A is a ROMless version of 8051, all the program memories used
by VT1620A are considered as “External memory” in the point of view of 8032 core.
Table 2 – Program Memory Space of VT1620A
Byte Address Range
On-chip (Note 1.)
Off-chip (Note 1.)
Size in bytes
Data Access
0x0000 – 0x0FFF
Built-in ROM /
EP1/2 Buffer (Note 2.)
Serial Flash
4k
8 bits R/W
0x1000 – 0x3FFF
Built-in ROM
Serial Flash
12k
8 bits R/W
0x4000 – 0xFFFF
--
Serial Flash
48k
8 bits R/W
Note:
1.
When boot from ROM is selected by the strapping option, on-chip space will be used as the program
memory. When boot from ROM is not selected by the strapping option, off-chip space will be used
as the program memory.
2.
When updating firmware in the off-chip program memory, EP1/2 SRAM is used as the temporary
program memory storage. Under this mode, the lowest 4k address will be mapped to EP1/2 buffer.
6.2 Data Memory Space
The 256 bytes of internal registers and up to 64k bytes of external data memory can be accessed by the
8032 core. (The boundary of internal/external is the 8032 core.)
6.3 MCU Internal Registers
Please refer to the following
1
Table 3 for the memory map of MCU Internal Registers.
Table 3 – Memory Map of MCU Internal Registers
Byte Address Range
On-chip
Off-chip
Size in Bytes
Data Access
0x0000 – 0x001F
4 banks of R0-R7
--
32
8 bits R/W
0x0020 – 0x002F
Bit addressable 0x00-0x7F
--
16
1/8 bits R/W
0x0030 – 0x007F
Rest of lower 128
Direct/indirect addressing
--
80
8 bits R/W
Upper 128
indirect addressing only
8 bits R/W
0x0080 – 0x00FF
SFR
direct addressing
--
128
1/8 bits R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com